Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4851M1R Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC4851M1R
Description  SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4851M1R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC4851M1R Datasheet HTML 2Page - STMicroelectronics M74HC4851M1R Datasheet HTML 3Page - STMicroelectronics M74HC4851M1R Datasheet HTML 4Page - STMicroelectronics M74HC4851M1R Datasheet HTML 5Page - STMicroelectronics M74HC4851M1R Datasheet HTML 6Page - STMicroelectronics M74HC4851M1R Datasheet HTML 7Page - STMicroelectronics M74HC4851M1R Datasheet HTML 8Page - STMicroelectronics M74HC4851M1R Datasheet HTML 9Page - STMicroelectronics M74HC4851M1R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
M74HC4851
6/15
TEST CIRCUIT 1
CL =50pF or equivalent (includes jig and probe capacitance)
RL =R1 = 10KΩ or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT 2
TEST
SWITCH
tPLH,tPHL
Open
tPZL,tPLZ
VCC
tPZH,tPHZ
GND


Similar Part No. - M74HC4851M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4851M1R STMICROELECTRONICS-M74HC4851M1R Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
More results

Similar Description - M74HC4851M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
M74HC4852 STMICROELECTRONICS-M74HC4852_03 Datasheet
410Kb / 15P
   DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
logo
List of Unclassifed Man...
M74HC4852YRM13TR ETC2-M74HC4852YRM13TR Datasheet
306Kb / 15P
   Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
STMicroelectronics
M74HC4852 STMICROELECTRONICS-M74HC4852 Datasheet
242Kb / 11P
   DUAL 4:1 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
logo
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com