Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC7266RM13TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC7266RM13TR
Description  QUAD EXCLUSIVE NOR GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC7266RM13TR Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC7266RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC7266RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC7266RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC7266RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC7266RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC7266RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC7266RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC7266RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC7266RM13TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M74HC7266
4/9
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
20
pF


Similar Part No. - M74HC7266RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC7266 STMICROELECTRONICS-M74HC7266 Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
M74HC7266B1R STMICROELECTRONICS-M74HC7266B1R Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
M74HC7266C1R STMICROELECTRONICS-M74HC7266C1R Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
M74HC7266F1R STMICROELECTRONICS-M74HC7266F1R Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
M74HC7266M1R STMICROELECTRONICS-M74HC7266M1R Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
More results

Similar Description - M74HC7266RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
107Kb / 7P
   QUAD EXCLUSIVE NOR GATE
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP Datasheet
179Kb / 4P
   QUAD EXCLUSIVE NOR GATE
TC74HC7266AP TOSHIBA-TC74HC7266AP_07 Datasheet
225Kb / 7P
   Quad Exclusive NOR Gate
logo
STMicroelectronics
M54HC266 STMICROELECTRONICS-M54HC266 Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
   Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
   Quad 2-Input Exclusive NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com