Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT158TTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HCT158TTR
Description  QUAD 2 CHANNEL MULTIPLEXER (INV.)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT158TTR Datasheet(HTML) 5 Page - STMicroelectronics

  M74HCT158TTR Datasheet HTML 1Page - STMicroelectronics M74HCT158TTR Datasheet HTML 2Page - STMicroelectronics M74HCT158TTR Datasheet HTML 3Page - STMicroelectronics M74HCT158TTR Datasheet HTML 4Page - STMicroelectronics M74HCT158TTR Datasheet HTML 5Page - STMicroelectronics M74HCT158TTR Datasheet HTML 6Page - STMicroelectronics M74HCT158TTR Datasheet HTML 7Page - STMicroelectronics M74HCT158TTR Datasheet HTML 8Page - STMicroelectronics M74HCT158TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M74HCT158
5/9
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4(per chan-
nel)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
60
pF


Similar Part No. - M74HCT158TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
250Kb / 11P
   HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
More results

Similar Description - M74HCT158TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER INV.
May 1997
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER (INV.)
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER INV.
May 1997
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
   HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
M74HCT157 STMICROELECTRONICS-M74HCT157 Datasheet
250Kb / 11P
   HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com