Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT164B1R Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HCT164B1R
Description  8 BIT SIPO SHIFT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT164B1R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HCT164B1R Datasheet HTML 2Page - STMicroelectronics M74HCT164B1R Datasheet HTML 3Page - STMicroelectronics M74HCT164B1R Datasheet HTML 4Page - STMicroelectronics M74HCT164B1R Datasheet HTML 5Page - STMicroelectronics M74HCT164B1R Datasheet HTML 6Page - STMicroelectronics M74HCT164B1R Datasheet HTML 7Page - STMicroelectronics M74HCT164B1R Datasheet HTML 8Page - STMicroelectronics M74HCT164B1R Datasheet HTML 9Page - STMicroelectronics M74HCT164B1R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M74HCT164
6/11
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1 : MINIMUM PULSE WIDTH (CLEAR) AND REMOVAL TIME( CLEAR TO CLOCK)
(f=1MHz; 50% duty cycle)


Similar Part No. - M74HCT164B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT164B1R STMICROELECTRONICS-M74HCT164B1R Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
More results

Similar Description - M74HCT164B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
   8 BIT SIPO SHIFT REGISTER
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M54HC164 STMICROELECTRONICS-M54HC164 Datasheet
254Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M74HC164 STMICROELECTRONICS-M74HC164_03 Datasheet
512Kb / 13P
   8 BIT SIPO SHIFT REGISTER
M54HC164 STMICROELECTRONICS-M54HC164_04 Datasheet
299Kb / 11P
   RAD-HARD 8 BIT SIPO SHIFT REGISTER
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com