Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDVE001A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 7Page - STMicroelectronics STDVE001A Datasheet HTML 8Page - STMicroelectronics STDVE001A Datasheet HTML 9Page - STMicroelectronics STDVE001A Datasheet HTML 10Page - STMicroelectronics STDVE001A Datasheet HTML 11Page - STMicroelectronics STDVE001A Datasheet HTML 12Page - STMicroelectronics STDVE001A Datasheet HTML 13Page - STMicroelectronics STDVE001A Datasheet HTML 14Page - STMicroelectronics STDVE001A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
STDVE001A
Pin configuration
11/49
Pin number
Pin name
Type
Function
22
OUT_D1+
Output
HDMI 1.3 compliant TMDS output. OUT_D1+ makes a
differential output signal with OUT_D1-.
23
OUT_D1-
Output
HDMI 1.3 compliant TMDS output. OUT_D1- makes a
differential output signal with OUT_D1+.
24
GND
Power
Ground
25
OE_N
Input
Active low enable signal
OE_N
N_D
termination
IOUT_D outputs
1
High-Z
High-Z
050
Ω
Active
26
VDD_INT
Power
DC supply for DDC, HPD and CEC (can be 5V or 3.3V or
unconnected)
27
GND
Power
Ground
28
SCL_INT
I/O
DDC Clock I/O. Pulled-up by external termination to
VCC.
29
SDA_INT
I/O
DDC Data I/O. Pulled-up by external termination to VCC.
30
HPD_INT
Input
Sink side, Low-frequency, 0V to 5V (nominal) hot plug
detector input signal.
Voltage high indicates “plugged” state; voltage low
indicates “unplugged” state.
High : 5V power signal asserted from source to sink and
EDID is ready
Low : No 5V power signal is asserted from source to sink
or EDID is not ready
31
GND
Power
Ground
32
DDC_EN
Input
I2C repeater enable signal
DDC_EN
I2C repeater
0 V
Disabled, high-Z
3.3 V
Enabled, active
33
VCC
Power
3.3 V±10% DC supply
Table 2.
Pin description (continued)


Similar Part No. - STDVE001A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
More results

Similar Description - STDVE001A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
Texas Instruments
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
Texas Instruments
DS30EA101 TI1-DS30EA101 Datasheet
702Kb / 11P
[Old version datasheet]   0.15 to 3.125 Gbps Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com