Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDEV003ABTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 1 Page - STMicroelectronics

  STDEV003ABTR Datasheet HTML 1Page - STMicroelectronics STDEV003ABTR Datasheet HTML 2Page - STMicroelectronics STDEV003ABTR Datasheet HTML 3Page - STMicroelectronics STDEV003ABTR Datasheet HTML 4Page - STMicroelectronics STDEV003ABTR Datasheet HTML 5Page - STMicroelectronics STDEV003ABTR Datasheet HTML 6Page - STMicroelectronics STDEV003ABTR Datasheet HTML 7Page - STMicroelectronics STDEV003ABTR Datasheet HTML 8Page - STMicroelectronics STDEV003ABTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
July 2008
Rev 3
1/41
41
STDVE003A
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
Features
Compatible with the high-definition multimedia
interface (HDMI) v1.3 digital interface
Conforms to the transition minimized
differential signaling (TMDS) voltage standard
on input and output channels
340 MHz maximum clock speed operation
supports all video formats with deep color at
maximum refresh rates
3.4 Gbps data rate per channel
Fully automatic adaptive equalizer
Single supply VCC: 3.135 to 3.465 V
ESD: ±8 KV contact for all I/Os
Integrated open-drain I2C buffer for display
data channel (DDC)
5.3 V tolerant DDC and HPD I/Os
Lock-up free operation of I2C bus
0 to 400 kHz clock frequency for I2C bus
Low capacitance of all the channels
Equalizer regenerates the incoming attenu-
ated TMDS signal
Buffer drives the TMDS outputs over long PCB
track lengths
Low output skew and jitter
Tight input thresholds reduce bit error rates
On-chip selectable 50
Ω input termination
Low ground bounce
Data and control inputs provide undershoot
clamp diode
Available in TQFP80 package
-40°C to 85°C operating temperature range
Evaluation kit is available
Description
The STDVE003A integrates a 4-channel 3.4 Gbps
TMDS equalizer and a 3:1 switch to select one of
the three HDMI ports. The 3-input HDMI ports can
be either external ports or internal sources. High-
speed data paths and flow-through pinout
minimize the internal device jitter and simplify the
board layout. The equalizer overcomes the
intersymbol interference (ISI) jitter effects from
lossy cables. The buffer/driver on the output can
drive the TMDS output signals over long
distances. In addition to this, STDVE003A
integrates the 50
Ω termination resistor on all the
input channels to improve performance and
reduce board space. The device can be placed in
a low-power mode by disabling the output current
drivers. The STDVE003A is ideal for advanced TV
and STB applications supporting HDMI/DVI
standard. The differential signal from the
HDMI/DVI ports can be routed through the
STDVE003A to guarantee good signal quality at
the HDMI receiver. Designed for very low skew,
jitter and low I/O capacitance, the switch
preserves the signal integrity to pass the stringent
HDMI compliance requirements.
TQFP80
Table 1.
Device summary
Order code
Operating temperature
Package
Packaging
STDEV003ABTR
-40°C to 85°C
TQFP80
Tape and reel
www.st.com


Similar Part No. - STDEV003ABTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDEV003A STMICROELECTRONICS-STDEV003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
More results

Similar Description - STDEV003ABTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
Texas Instruments
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com