Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V61C518256-15R Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V61C518256-15R
Description  32K X 8 HIGH SPEED STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C518256-15R Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V61C518256-15R Datasheet HTML 1Page - Mosel Vitelic, Corp V61C518256-15R Datasheet HTML 2Page - Mosel Vitelic, Corp V61C518256-15R Datasheet HTML 3Page - Mosel Vitelic, Corp V61C518256-15R Datasheet HTML 4Page - Mosel Vitelic, Corp V61C518256-15R Datasheet HTML 5Page - Mosel Vitelic, Corp V61C518256-15R Datasheet HTML 6Page - Mosel Vitelic, Corp V61C518256-15R Datasheet HTML 7Page - Mosel Vitelic, Corp V61C518256-15R Datasheet HTML 8Page - Mosel Vitelic, Corp V61C518256-15R Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOSEL VITELIC
1
V61C518256
32K X 8 HIGH SPEED
STATIC RAM
PRELIMINARY
V61C518256 Rev. 0.3 July 1998
Features
s High-speed: 10, 12, 15 ns
s Low Power Dissipation:
– CMOS Standby: 0.5 mA (Max.)
s Fully static operation
s All inputs and outputs directly compatible
s Three state outputs
s Ultra low data retention current (VCC = 2V)
s Single 5V
± 10% Power Supply
s Packages
– 28-pin TSOP (Standard)
– 28-pin 300 mil SOJ
Description
The V61C518256 is a 262,144-bit static random
access memory organized as 32,768 words by 8
bits. It is built with MOSEL VITELIC’s high
performance CMOS process. Inputs and three-
state outputs are TTL compatible and allow for
direct interfacing with common system bus
structures.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Temperature
Mark
T
N
R
101215
0
°C to 70 °C
••••••
Blank
Functional Block Diagram
Row
Decoder
512 x 512
Memory Array
Input
Data
Circuit
Column I/O
Column Decoder
Control
Circuit
VCC
GND
A0
A1
A6
A10
518256-01
A13
A14
I/O0
I/O7
CE
OE
WE
A2
A12
A11
A5


Similar Part No. - V61C518256-15R

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C5181024 MOSEL-V61C5181024 Datasheet
61Kb / 12P
   128K X 8 HIGH SPEED STATIC RAM
More results

Similar Description - V61C518256-15R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com