Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2221FG-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV2221FG-G
Description  Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2221FG-G Datasheet(HTML) 1 Page - Supertex, Inc

  HV2221FG-G Datasheet HTML 1Page - Supertex, Inc HV2221FG-G Datasheet HTML 2Page - Supertex, Inc HV2221FG-G Datasheet HTML 3Page - Supertex, Inc HV2221FG-G Datasheet HTML 4Page - Supertex, Inc HV2221FG-G Datasheet HTML 5Page - Supertex, Inc HV2221FG-G Datasheet HTML 6Page - Supertex, Inc HV2221FG-G Datasheet HTML 7Page - Supertex, Inc HV2221FG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HV2221
Features
Low on-resistance, 14Ω max.
HVCMOS technology for high performance
3.3 or 5.0V CMOS input logic level
20MHz data shift clock frequency
Very low quiescent power dissipation - 10µA
Low parasitic capacitance
DC to 10MHz analog signal frequency
-60dB typical off-isolation at 5MHz
CMOS logic circuitry for low power
Excellent noise immunity
Cascadable serial data register with latches
Flexible operating supply voltages
Applications
NDT metal flaw detection
Medical ultrasound imaging
Piezoelectric transducer drivers
Inkjet printer heads
Optical MEMS modules
General Description
The Supertex HV2221 is a low charge injection, 8-channel, unipolar,
negative high voltage, analog switch integrated circuit (IC) intended
for use in applications requiring high voltage switching controlled
by low voltage control signals, such as NDT ultrasound flaw
detection, medical ultrasound imaging, piezoelectric transducer
drivers, and printers.
Data is input into an 8-bit shift register that can then be retained
in an 8-bit latch. To reduce any possible clock feed-through noise,
the latch enable bar should be left high until all bits are clocked in.
Data is clocked in during the rising edge of the clock.
Using HVCMOS technology, this device combines high voltage
bilateral DMOS switches and low power CMOS logic to provide
efficient control of high voltage analog signals.
Block Diagram
Low Charge Injection, 8-Channel,
Unipolar, Negative High Voltage, Analog Switch
D
LE
CLR
SW0
D
LE
CLR
SW1
D
LE
CLR
SW2
D
LE
CLR
SW6
D
LE
CLR
SW7
CLK
8-BIT
SHIFT
REGISTER
DIN
DOUT
LATCHES
LEVEL
SHIFTERS
OUTPUT
SWITCHES
VNN VPP
LE
CLR
VDD GND


Similar Part No. - HV2221FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2221FG-G SUTEX-HV2221FG-G Datasheet
651Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
More results

Similar Description - HV2221FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2221 SUTEX-HV2221_11 Datasheet
651Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV2321 SUTEX-HV2321 Datasheet
716Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com