Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2631 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV2631
Description  16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2631 Datasheet(HTML) 3 Page - Supertex, Inc

  HV2631 Datasheet HTML 1Page - Supertex, Inc HV2631 Datasheet HTML 2Page - Supertex, Inc HV2631 Datasheet HTML 3Page - Supertex, Inc HV2631 Datasheet HTML 4Page - Supertex, Inc HV2631 Datasheet HTML 5Page - Supertex, Inc HV2631 Datasheet HTML 6Page - Supertex, Inc HV2631 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV2631
DC Electrical Characteristics
(Over recommended operating conditions unless otherwise specified )
Sym
Parameter
0OC+25OC
+70OC
Units Conditions
Min
Max
Min
Typ
Max
Min
Max
R
ONS
Small signal switch
on-resistance
-30-26
32
-40
Ω
V
SIG = 0V, ISIG = 5.0mA,
V
PP = 50V, VNN = -170V
-
25
-
22
27
-
35
V
SIG = 0V, ISIG = 200mA,
V
PP = 50V, VNN = -170V
-
15
-
22
27
-
30
V
SIG = 0V, ISIG = 5.0mA,
V
PP = 110V, VNN = -110V
-
20
-
18
22
-
25
V
SIG = 0V, ISIG = 200mA,
V
PP = 110V, VNN = -110V
ΔR
ONS
Small signal switch
on-resistance matching
-
20
-
5.0
20
-
20
%
V
SIG = 0V, ISIG = 5.0mA,
V
PP = 110V, VNN = -110V
R
ONL
Large signal switch
on-resistance
---
15
---
Ω
V
SIG = 0V, ISIG = 1.0A
I
SOL
Switch off-leakage per switch
-
5.0
-
1.0
10
-
15
μA
V
SIG = VPP -10V, VNN = +10V
V
OS(OFF)
DC offset switch off
-
300
-
100
300
-
300
mV
No load
V
OS(ON)
DC offset switch on
-
500
-
100
500
-
500
I
PPQ
Quiescent V
PP supply current
-
-
-
10
50
-
-
μA
All switches off
I
NNQ
Quiescent V
NN supply current
-
-
-
-10
-50
-
-
I
PPQ
Quiescent V
PP supply current
-
-
-
10
50
-
-
μA
All switches on, I
SW = 5.0mA
I
NNQ
Quiescent V
NN supply current
-
-
-
-10
-50
-
-
I
SW
Switch output peak current
-
3.0
-
3.0
2.0
2.0
A
V
SIG duty cycle < 0.1%
f
SW
Output switching frequency
----
50
--
kHz
Duty cycle = 50%
I
PP
Average V
PP supply current
-
8.1
-
-
8.8
-
10
mA
V
PP = 50V, VNN = -170V,
All switches turning on and
off at 50kHz
I
NN
Average V
NN supply current
-
-8.1
-
-
-8.8
-
-10
I
PP
Average V
PP supply current
-
8.1
-
-
6.3
-
6.9
mA
V
PP = 110V, VNN = -110V, All
switches turning on and off
at 50kHz
I
NN
Average V
NN supply current
-
-8.1
-
-
-6.3
-
-6.9
I
DDQ
Quiescent V
DD supply current
-
10
-
-
10
-
10
μA
All logic inputs are static
I
DD
Average V
DD supply current
-
2.0
-
-
2.0
-
2.0
mA
D
IN1 = DIN2 = 3.0MHz,
LE = high
C
IN
Logic input capacitance
-
10
-
-
10
-
10
pF
---
AC Electrical Characteristics
(Over recommended operating conditions unless otherwise specified)
Sym
Parameter
0OC+25OC
+70OC
Units Conditions
Min
Max
Min
Typ
Max
Min
Max
t
WLE
Time width of LE
150
-
150
-
-
150
-
ns
---
t
WDIN
Time width of D
IN
150
-
150
-
-
150
-
ns
---
t
SD
Set up time before LE rises
150
-
150
-
-
150
-
ns
---


Similar Part No. - HV2631

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2631 SUTEX-HV2631 Datasheet
515Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
HV2631FG-G SUTEX-HV2631FG-G Datasheet
515Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
HV2631 SUTEX-HV2631_09 Datasheet
515Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
More results

Similar Description - HV2631

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2631 SUTEX-HV2631_09 Datasheet
515Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
HV2731 SUTEX-HV2731 Datasheet
663Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2731 SUTEX-HV2731_09 Datasheet
520Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
logo
Maxim Integrated Produc...
MAX14805 MAXIM-MAX14805 Datasheet
1Mb / 14P
   16-Channel (Two Banks of 8-Channel), High-Voltage Analog Switches
Rev 0; 4/10
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
   16-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
   16-Channel, High Voltage Analog Switch
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
   16 Channel High Voltage Analog Switch
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
   HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
   HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV2116 SUTEX-HV2116 Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com