Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7370 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # HV7370
Description  Quad, High Speed, 짹100V 850mA, Ultrasound Damper
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HV7370 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  HV7370 Datasheet HTML 1Page - Sirectifier Semiconductors HV7370 Datasheet HTML 2Page - Sirectifier Semiconductors HV7370 Datasheet HTML 3Page - Sirectifier Semiconductors HV7370 Datasheet HTML 4Page - Sirectifier Semiconductors HV7370 Datasheet HTML 5Page - Sirectifier Semiconductors HV7370 Datasheet HTML 6Page - Sirectifier Semiconductors HV7370 Datasheet HTML 7Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV7370
Operating Supply Voltages and Current (4 Channel Active)
(Operating conditions, unless otherwise specified, V
SS = 0V,VLL = +3.3V,VDD = VDN = +9V, VDP = -9V, VPP - VPF = +9V, VNN - VNF = -9V, VSUB = +75V VPP/VNN = ±75V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
V
LL
Logic voltage reference
1.8
3.3
5.0
V
---
V
DD
Internal voltage supply1
5.0
8.0 to 11
12
V
---
V
DP
P-Gate driver supply
-12
-V
DD
-5.0
V
Negative voltage supply
V
DN
N-Gate drive supply
5.0
V
DD
12
V
Positive voltage supply
V
SUB
IC substrate voltage
5.0
V
DD
100
V
---
RGND RTZ-Ground voltage
-2.0
0
+2.0
V
---
I
LL
V
LL Current EN = Low
-
35
120
µA
---
I
DDQ
V
DD Current EN = Low
-
10
-
µA
---
I
DDEN
V
DD Current EN = High
-
1.5
3.0
mA
f = 0MHz
I
DDEN
V
DD Current
-
6.0
-
mA
f = 5.0MHz, continuous, no loads
I
DPQ
V
DP Current EN = Low
-
50
-
µA
f = 0MHz
I
DPEN
V
DP Current
-
30
-
mA
f = 5.0MHz, continuous, no loads
I
DNQ
V
DN Current EN = Low
-
50
-
µA
f = 0MHz
I
DNEN
V
DN Current
-
12
-
mA
f = 5.0MHz, continuous, no loads
Note:
1. P&N-FETs best matching when V
DD = VDN = +10V, VPN = -10V
Under Voltage
Sym
Parameter
Min
Typ
Max
Units Conditions
V
UVDD
V
DD threshold
2.0
3.7
7.0
V
---
V
UVLL
V
LL threshold
1.0
1.25
1.5
V
---
V
UVVDN
UV threshold for V
DN
3.5
4.25
4.75
V
---
V
UVVDP
UV threshold for V
DP
1.75
4.5
6.0
V
Typ V
UVVDP ≤ -(VDN/2), [VDN = +9.0V]
Electrical Characteristics
(Operating conditions, unless otherwise specified, V
SS = 0V,VLL = +3.3V,VDD = VDN = +9V, VDP = -9V, VPP - VPF = +9V, VNN - VNF = -9V, VSUB = +75V, VPP/VNN = ±75V, TA = 25°C)
Output P-Channel MOSFET, PDx
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
0.6
0.85
-
A
---
R
ON
Channel resistance
-
13
-
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
50
-
pF
V
SUB = 25V, f = 1.0MHz
Output N-Channel MOSFET, NDx
I
OUT
Output saturation current
0.6
0.85
-
A
---
R
ON
Channel resistance
-
12.5
-
Ω
I
DS = 100mA
C
OSS
Output capacitance
-
20
-
pF
V
SUB = 25V, f = 1.0MHz


Similar Part No. - HV7370

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HV73 KOA-HV73 Datasheet
381Kb / 2P
   flat chip resistors for high voltage
HV73-RT KOA-HV73-RT Datasheet
380Kb / 2P
   flat chip resistors for high voltage
HV731JT KOA-HV731JT Datasheet
83Kb / 2P
   flat chip resistors for high voltage
HV731JTTD1004D KOA-HV731JTTD1004D Datasheet
83Kb / 2P
   flat chip resistors for high voltage
HV731JTTD1004D KOA-HV731JTTD1004D Datasheet
232Kb / 2P
   flat chip resistors for high voltage
More results

Similar Description - HV7370

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
logo
Microchip Technology
HV7360 MICROCHIP-HV7360 Datasheet
611Kb / 18P
   High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
07/14/15
logo
Supertex, Inc
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV739DB1 SUTEX-HV739DB1 Datasheet
860Kb / 8P
   HV739 짹100V 3.0A Ultrasound Pulser Demo Board
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
   Quad High Speed 짹75V 1.25A Ultrasound Pulser
MD2134 SUTEX-MD2134 Datasheet
760Kb / 9P
   High Speed Ultrasound Beamforming Source Driver
MD2131 SUTEX-MD2131 Datasheet
774Kb / 8P
   High Speed Ultrasound Beamforming Source Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com