Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN3515L Datasheet(PDF) 1 Page - Supertex, Inc

Part # VN3515L
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN3515L Datasheet(HTML) 1 Page - Supertex, Inc

  VN3515L Datasheet HTML 1Page - Supertex, Inc VN3515L Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
BV
DSS /RDS(ON)
V
GS(th)
I
D(ON)
BVDGS
(max)
(max)
(min)
TO-92
350V
15Ω
1.8V
0.15A
VN3515L
400V
12Ω
1.8V
0.15A
VN4012L
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a
vertical DMOS structure and Supertex's well-proven silicon-gate
manufacturing process. This combination produces devices with
the power handling capabilities of bipolar transistors and with the
high input impedance and positive temperature coefficient inher-
ent in MOS devices. Characteristic of all MOS structures, these
devices are free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
Ordering Information
Order Number / Package
VN3515L
VN4012L
Applications
❏ Motor controls
❏ Converters
❏ Amplifiers
❏ Telecom Switching
❏ Power supply circuits
❏ Drivers (relays, hammers, solenoids, lamps,
memories, displays, bipolar transistors, etc.)
N-Channel Enhancement-Mode
Vertical DMOS FETs
Package Option
Note: See Package Outline section for dimensions.
TO-92
Features
❏ Free from secondary breakdown
❏ Low power drive requirement
❏ Ease of paralleling
❏ Low C
ISS and fast switching speeds
❏ Excellent thermal stability
❏ Integral Source-Drain diode
❏ High input impedance and high gain
❏ Complementary N- and P-channel devices
Absolute Maximum Ratings
Drain-to-Source Voltage
BV
DSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
S G D


Similar Part No. - VN3515L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - VN3515L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com