Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX74MTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LVX74MTR
Description  LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR (5V TOLERANT INPUTS)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX74MTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LVX74MTR Datasheet HTML 2Page - STMicroelectronics 74LVX74MTR Datasheet HTML 3Page - STMicroelectronics 74LVX74MTR Datasheet HTML 4Page - STMicroelectronics 74LVX74MTR Datasheet HTML 5Page - STMicroelectronics 74LVX74MTR Datasheet HTML 6Page - STMicroelectronics 74LVX74MTR Datasheet HTML 7Page - STMicroelectronics 74LVX74MTR Datasheet HTML 8Page - STMicroelectronics 74LVX74MTR Datasheet HTML 9Page - STMicroelectronics 74LVX74MTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74LVX74
6/13
Figure 5: Waveform - Propagation Delays, Setup And Hold Times (f=1MHz; 50% duty cycle)
Figure 6: Waveform - Recovery Time (f=1MHz; 50% duty cycle)


Similar Part No. - 74LVX74MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX74MTC FAIRCHILD-74LVX74MTC Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74MTC FAIRCHILD-74LVX74MTC Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74MTC ONSEMI-74LVX74MTC Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74MTCX FAIRCHILD-74LVX74MTCX Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74MTC FAIRCHILD-74LVX74MTC_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74LVX74MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
74LCX74 STMICROELECTRONICS-74LCX74_06 Datasheet
433Kb / 17P
   Low voltage CMOS dual D-Type Flip Flop with 5V tolerant inputs
74LVX174 STMICROELECTRONICS-74LVX174 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS HEX D-TYPE FLIP-FLOP WITH CLEAR WITH 5V TOLERANT INPUTS
74LCX74 STMICROELECTRONICS-74LCX74 Datasheet
79Kb / 11P
   LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com