Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX126 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVX126
Description  LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX126 Datasheet(HTML) 4 Page - STMicroelectronics

  74LVX126_04 Datasheet HTML 1Page - STMicroelectronics 74LVX126_04 Datasheet HTML 2Page - STMicroelectronics 74LVX126_04 Datasheet HTML 3Page - STMicroelectronics 74LVX126_04 Datasheet HTML 4Page - STMicroelectronics 74LVX126_04 Datasheet HTML 5Page - STMicroelectronics 74LVX126_04 Datasheet HTML 6Page - STMicroelectronics 74LVX126_04 Datasheet HTML 7Page - STMicroelectronics 74LVX126_04 Datasheet HTML 8Page - STMicroelectronics 74LVX126_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74LVX126
4/12
Table 8: AC Electrical Characteristics (Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
2.7
15
5.8
8.0
1.0
9.6
1.0
11.5
ns
2.7
50
7.0
10.5
1.0
12.6
1.0
15.0
3.3(*)
15
4.4
6.2
1.0
8.5
1.0
9.5
3.3(*)
50
5.9
9.7
1.0
12.0
1.0
13.5
tPZL
tPZH
Output Enable
Time
2.7
15
8.9
11.5
1.0
12.5
1.0
12.5
ns
2.7
50
10.0
14.0
1.0
16.0
1.0
16.0
3.3(*)
15
8.0
10.4
1.0
11.5
1.0
11.5
3.3(*)
50
8.9
12
1.0
13.0
1.0
13.0
tPLZ
tPHZ
Output Disable
Time
2.7
50
7.2
11.0
1.0
13.0
1.0
15.6
ns
3.3(*)
50
6.0
8.5
1.0
11.0
1.0
13.0
tOSLH
tOSHL
Output to Output
Skew Time (note
1,2)
2.7
50
0.5
1.0
1.5
1.5
ns
3.3(*)
50
0.5
1.0
1.5
1.5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
3.3
4
10
10
10
pF
COUT
Output
Capacitance
3.3
6
pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
14
pF


Similar Part No. - 74LVX126_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX126M STMICROELECTRONICS-74LVX126M Datasheet
162Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
July 2001
74LVX126MTR STMICROELECTRONICS-74LVX126MTR Datasheet
162Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
July 2001
74LVX126TTR STMICROELECTRONICS-74LVX126TTR Datasheet
162Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
July 2001
More results

Similar Description - 74LVX126_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX126TTR STMICROELECTRONICS-74LVX126TTR Datasheet
162Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
July 2001
74LVX125 STMICROELECTRONICS-74LVX125 Datasheet
227Kb / 12P
   LOW VOLTAGE QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
74LCX125 STMICROELECTRONICS-74LCX125 Datasheet
216Kb / 12P
   LOW VOLTAGE CMOS QUAD BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
74LVX257 STMICROELECTRONICS-74LVX257 Datasheet
258Kb / 10P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
74LVX257 STMICROELECTRONICS-74LVX257_04 Datasheet
332Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX540 STMICROELECTRONICS-74LCX540 Datasheet
271Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com