Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX157 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVX157
Description  LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX157 Datasheet(HTML) 4 Page - STMicroelectronics

  74LVX157_04 Datasheet HTML 1Page - STMicroelectronics 74LVX157_04 Datasheet HTML 2Page - STMicroelectronics 74LVX157_04 Datasheet HTML 3Page - STMicroelectronics 74LVX157_04 Datasheet HTML 4Page - STMicroelectronics 74LVX157_04 Datasheet HTML 5Page - STMicroelectronics 74LVX157_04 Datasheet HTML 6Page - STMicroelectronics 74LVX157_04 Datasheet HTML 7Page - STMicroelectronics 74LVX157_04 Datasheet HTML 8Page - STMicroelectronics 74LVX157_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74LVX157
4/12
Table 8: AC Electrical Characteristics (Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
(A, B - Y)
2.7
15
6.6
12.5
1.0
15.5
1.0
16.5
ns
2.7
50
9.1
16.0
1.0
19.0
1.0
20.0
3.3(*)
15
5.1
7.9
1.0
9.5
1.0
11.0
3.3(*)
50
7.6
11.4
1.0
13.0
1.0
14.0
tPLH tPHL Propagation Delay
Time
(SELECT - Y)
2.7
15
8.9
16.9
1.0
20.5
1.0
21.5
ns
2.7
50
11.4
20.4
1.0
24.0
1.0
26.0
3.3(*)
15
7.0
11.0
1.0
13.0
1.0
14.0
3.3(*)
50
9.5
14.5
1.0
16.5
1.0
17.5
tPLH tPHL Propagation Delay
Time
(STROBE - Y)
2.7
15
9.1
17.6
1.0
20.5
1.0
21.5
ns
2.7
50
11.6
21.1
1.0
20.4
1.0
21.4
3.3(*)
15
7.2
11.5
1.0
13.5
1.0
14.5
3.3(*)
50
9.7
15.0
1.0
17.0
1.0
18.0
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
2.7
50
0.5
1.0
1.5
1.5
ns
3.3(*)
50
0.5
1.0
1.5
1.5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
3.3
4
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
fIN = 10MHz
20
pF


Similar Part No. - 74LVX157_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX157M FAIRCHILD-74LVX157M Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
logo
STMicroelectronics
74LVX157M STMICROELECTRONICS-74LVX157M Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LVX157MTC FAIRCHILD-74LVX157MTC Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
logo
STMicroelectronics
74LVX157MTR STMICROELECTRONICS-74LVX157MTR Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LVX157SJ FAIRCHILD-74LVX157SJ Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
More results

Similar Description - 74LVX157_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX157 STMICROELECTRONICS-74LVX157 Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LCX157 STMICROELECTRONICS-74LCX157 Datasheet
321Kb / 17P
   Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX157 FAIRCHILD-74LCX157 Datasheet
99Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX257 STMICROELECTRONICS-74LVX257 Datasheet
258Kb / 10P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
74LVX257 STMICROELECTRONICS-74LVX257_04 Datasheet
332Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX257 STMICROELECTRONICS-74LCX257 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com