Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD913F2-12B81 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD913F2-12B81
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-12B81 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD913F2-12B81 Datasheet HTML 5Page - STMicroelectronics PSD913F2-12B81 Datasheet HTML 6Page - STMicroelectronics PSD913F2-12B81 Datasheet HTML 7Page - STMicroelectronics PSD913F2-12B81 Datasheet HTML 8Page - STMicroelectronics PSD913F2-12B81 Datasheet HTML 9Page - STMicroelectronics PSD913F2-12B81 Datasheet HTML 10Page - STMicroelectronics PSD913F2-12B81 Datasheet HTML 11Page - STMicroelectronics PSD913F2-12B81 Datasheet HTML 12Page - STMicroelectronics PSD913F2-12B81 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
Preliminary Information
PSD9XX Family
4.0
PSD9XX
Family
There are 2 variants in the PSD9XX family. All PSD9XX devices provide these base
features: 1 or 2 Mbit main Flash Memory, JTAG port, GPLD, DPLD, power management,
and 27 I/O pins. The following table summarizes all the devices in the PSD9XX family.
Additional devices will be introduced.
Part #
Flash
Secondary
Serial ISP Main Memory Flash Memory
PSD9XX
I/O
No. of
JTAG/ISC
Kbit
Kbit
SRAM
Turbo
Supply
Family
Device
Pins GPLD Output
Port
(8 Sectors)
(4 Sectors)
Kbit
Mode
Voltage
PSD9XX
PSD913F2
27
19
Yes
1024
256
16
Yes
3V/5V
PSD934F2
27
19
Yes
2048
256
64
Yes
3V/5V
PSD954F2
27
19
Yes
2048
256
256
Yes
3V/5V
Table 1. PSD9XX Product Matrix
5


Similar Part No. - PSD913F2-12B81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD913F2-12J STMICROELECTRONICS-PSD913F2-12J Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2-12JI STMICROELECTRONICS-PSD913F2-12JI Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2-12JIT STMICROELECTRONICS-PSD913F2-12JIT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2-12JT STMICROELECTRONICS-PSD913F2-12JT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2-12M STMICROELECTRONICS-PSD913F2-12M Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
More results

Similar Description - PSD913F2-12B81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com