Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LX1G07BJR Datasheet(PDF) 10 Page - STMicroelectronics

Part # 74LX1G07BJR
Description  Single buffer/driver with open drain
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07BJR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 74LX1G07BJR Datasheet HTML 6Page - STMicroelectronics 74LX1G07BJR Datasheet HTML 7Page - STMicroelectronics 74LX1G07BJR Datasheet HTML 8Page - STMicroelectronics 74LX1G07BJR Datasheet HTML 9Page - STMicroelectronics 74LX1G07BJR Datasheet HTML 10Page - STMicroelectronics 74LX1G07BJR Datasheet HTML 11Page - STMicroelectronics 74LX1G07BJR Datasheet HTML 12Page - STMicroelectronics 74LX1G07BJR Datasheet HTML 13Page - STMicroelectronics 74LX1G07BJR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Package mechanical data
74LX1G07
10/20
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 5.
SOT23-5L package outline
Table 10.
SOT23-5L mechanical data
Symbol
millimeters
mils
Typ
Min
Max
Typ
Min
Max
A
0.90
1.45
35.4
57.1
A1
0.00
0.10
0.0
3.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
1.50
1.75
59.0
68.8
e
0.95
37.4
H
2.60
3.00
102.3
118.1
L
0.10
0.60
3.9
23.6
7049676C
.


Similar Part No. - 74LX1G07BJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
74LX1G07CTR STMICROELECTRONICS-74LX1G07CTR Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
74LX1G07STR STMICROELECTRONICS-74LX1G07STR Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
More results

Similar Description - 74LX1G07BJR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
   Single Buffer / Driver with Open Drain
logo
Hitachi Semiconductor
J205557_HD74ALVC1G07 HITACHI-J205557_HD74ALVC1G07 Datasheet
234Kb / 11P
   Single Buffer / Driver with Open Drain
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
   Single Buffer / Driver with Open Drain
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
   Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
114Kb / 10P
   SINGLE BUFFER/DRIVER (OPEN DRAIN)
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com