Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN1NC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN1NC60
Description  N-CHANNEL 600V - 12ohm - 0.3A - SOT-223 PowerMesh?줚I MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1NC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STN1NC60 Datasheet HTML 1Page - STMicroelectronics STN1NC60 Datasheet HTML 2Page - STMicroelectronics STN1NC60 Datasheet HTML 3Page - STMicroelectronics STN1NC60 Datasheet HTML 4Page - STMicroelectronics STN1NC60 Datasheet HTML 5Page - STMicroelectronics STN1NC60 Datasheet HTML 6Page - STMicroelectronics STN1NC60 Datasheet HTML 7Page - STMicroelectronics STN1NC60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
February 2001
STN1NC60
N-CHANNEL 600V - 12
Ω - 0.3A - SOT-223
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 12Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
AC ADAPTORS AND BATTERY CHARGERS
s
SWITH MODE POWER SUPPLIES (SMPS)
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STN1NC60
600 V
<15
0.3 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
0.3
A
ID
Drain Current (continuos) at TC = 100°C
0.18
A
IDM
(1)
Drain Current (pulsed)
1.2
A
PTOT
Total Dissipation at TC = 25°C
2.5
W
Derating Factor
0.02
W/°C
dv/dt
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–60 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤0.3A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
1
2
2
3
SOT-223
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STN1NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
45Kb / 6P
   N - CHANNEL 200V - 1.2 ohm - 1A - SOT-223 POWER MOS TRANSISTOR
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
515Kb / 12P
   N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
Rev 3 June 2011
STN1N20 STMICROELECTRONICS-STN1N20_V01 Datasheet
515Kb / 12P
   N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
Rev 3 June 2011
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
   N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
   N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET??II POWER MOSFET
More results

Similar Description - STN1NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1NC60 STMICROELECTRONICS-STS1NC60 Datasheet
272Kb / 8P
   N-CHANNEL 600V - 12ohm - 0.3A - SO-8 PowerMESH?줚I MOSFET
STQ1NC60R STMICROELECTRONICS-STQ1NC60R Datasheet
426Kb / 9P
   N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH?줚I Power MOSFET
STN1HNC60 STMICROELECTRONICS-STN1HNC60 Datasheet
260Kb / 8P
   N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?줚I MOSFET
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
   N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?줚I MOSFET
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?줚I MOSFET
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
   N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?줚I MOSFET
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
   N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?줚I MOSFET
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
   N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
   N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com