Electronic Components Datasheet Search |
|
ZFUR10C Datasheet(PDF) 1 Page - SunLED Corporation |
|
ZFUR10C Datasheet(HTML) 1 Page - SunLED Corporation |
1 / 4 page Published Date : FEB 29, 2008 Drawing No : SDSA5340 V2 Checked : Shin Chi P.1/4 Part Number: ZFUR10C SURFACE MOUNT DISPLAY www.SunLED.com Part Number Emitting Color Emitting Material Luminous Intensity (IF=10mA) ucd Wavelength nm λ P Description min. typ. ZFUR10C Red GaAsP/GaP 1200 4990 627 Common Cathode, Rt. Hand Decimal UR Features ● 0.4INCH DIGIT HEIGHT. ●LOW CURRENT OPERATION. ●EXCELLENT CHARACTER APPEARANCE. ●I.C. COMPATIBLE ●MECHANICALLY RUGGED. ●GRAY FACE,WHITE SEGMENT. ●PACKAGE : 400PCS / REEL. ●MOISTURE SENSITIVITY LEVEL : LEVEL 4. ●RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ± 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice . 4.The gap between the reflector and PCB shall not exceed 0.25mm. UR (GaAsP/GaP) Unit Forward Voltage (Typ.) (IF=10mA) VF 1.9 V Forward Voltage (Max.) (IF=10mA) VF 2.5 V Reverse Current (Max.) (VR=5V) IR 10 uA Wavelength of Peak Emission (Typ.) (IF=10mA) λ P 627 nm Wavelength of Dominant Emission (Typ.) (IF=10mA) λ D 625 nm Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Δλ 45 nm Capacitance (Typ.) (VF=0V, f=1MHz) C 15 pF Operating Characteristics (TA=25°C) Absolute Maximum Ratings (TA=25°C) UR (GaAsP/GaP) Unit Reverse Voltage VR 5 V Forward Current IF 30 mA Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width iFS 160 mA Power Dissipation PT 75 mW Operating Temperature TA -40 ~ +85 °C Storage Temperature Tstg -40 ~ +85 |
Similar Part No. - ZFUR10C |
|
Similar Description - ZFUR10C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |