Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C21164096 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V62C21164096
Description  256K x 16, 0.20 um CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C21164096 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V62C21164096 Datasheet HTML 1Page - Mosel Vitelic, Corp V62C21164096 Datasheet HTML 2Page - Mosel Vitelic, Corp V62C21164096 Datasheet HTML 3Page - Mosel Vitelic, Corp V62C21164096 Datasheet HTML 4Page - Mosel Vitelic, Corp V62C21164096 Datasheet HTML 5Page - Mosel Vitelic, Corp V62C21164096 Datasheet HTML 6Page - Mosel Vitelic, Corp V62C21164096 Datasheet HTML 7Page - Mosel Vitelic, Corp V62C21164096 Datasheet HTML 8Page - Mosel Vitelic, Corp V62C21164096 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MOSEL VITELIC
V62C21164096
5
V62C21164096 Rev. 1.6 October 2001
Data Retention Characteristics
NOTES:
1.
tRC =ReadCycle Time
2.
TA =+25°C.
Low VCC Data Retention Waveform (CE Controlled)
Symbol
Parameter
Power
Min.
Typ.(2)
Max.
Units
VDR
VCC for Data Retention
CE1 ≥ VCC – 0.2V, CE2 <0.2V, VIN ≥ VCC – 0.2V,
or VIN ≤ 0.2V
1.2
3.0
V
ICCDR
Data Retention Current
CE1 ≥ VDR – 0.2V, CE2 <0.2V, VIN ≥ VCC – 0.2V,
or VIN ≤ 0.2V, VDR =1.2V
Com’lL
13
µA
LL
0.5
2
Ind.
L
——
5
LL
——
4
tCDR
Chip Deselect to Data Retention Time
0
——
ns
tR
Operation Recovery Time (see Retention Waveform)
tRC
(1)
——
ns
VCC
Data Retention Mode
CE1 ≥ VCC – 0.2V
CE1
2.0V
2.0V
2.3V
tCDR
tR
VDR ≥ 1.2V
2.3V


Similar Part No. - V62C21164096

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C21164096

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
   256K x 16, 0.17 um CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com