Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V2G126 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74V2G126
Description  DUAL BUS BUFFER (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G126 Datasheet(HTML) 2 Page - STMicroelectronics

  74V2G126 Datasheet HTML 1Page - STMicroelectronics 74V2G126 Datasheet HTML 2Page - STMicroelectronics 74V2G126 Datasheet HTML 3Page - STMicroelectronics 74V2G126 Datasheet HTML 4Page - STMicroelectronics 74V2G126 Datasheet HTML 5Page - STMicroelectronics 74V2G126 Datasheet HTML 6Page - STMicroelectronics 74V2G126 Datasheet HTML 7Page - STMicroelectronics 74V2G126 Datasheet HTML 8Page - STMicroelectronics 74V2G126 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74V2G126
2/9
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X: "H" or "L"
Z: High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
1) VCC=0V or nG=VCC(Output in High Impedance state)
2) High or Low State
RECOMMENDED OPERATING CONDITIONS
1) VCC=0V or nG=VCC (Output in High Impedance state)
2) High or Low State
3) VIN from 30% to 70% of VCC
PIN No
SYMBOL
NAME AND FUNCTION
1, 7
1G, 2G
Output Enable Inputs
2, 5
1A, 2A
Data Inputs
3, 6
2Y, 1Y
Data Outputs
4
GND
Ground (0V)
8
VCC
Positive Supply Voltage
AG
Y
XL
Z
LHL
HHH
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (see note 1)
-0.5 to +7.0
V
VO
DC Output Voltage (see note 2)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
− 20
mA
IOK
DC Output Diode Current
− 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (see note 1)
0 to 5.5
V
VO
Output Voltage (see note 2)
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 3) (VCC =3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0to 20
ns/V
ns/V


Similar Part No. - 74V2G126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G126 STMICROELECTRONICS-74V2G126 Datasheet
88Kb / 11P
   DUAL BUS BUFFER (3-STATE)
74V2G126CTR STMICROELECTRONICS-74V2G126CTR Datasheet
88Kb / 11P
   DUAL BUS BUFFER (3-STATE)
74V2G126STR STMICROELECTRONICS-74V2G126STR Datasheet
88Kb / 11P
   DUAL BUS BUFFER (3-STATE)
More results

Similar Description - 74V2G126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G125 STMICROELECTRONICS-74V2G125 Datasheet
157Kb / 9P
   DUAL BUS BUFFER (3-STATE)
74V2T125 STMICROELECTRONICS-74V2T125_03 Datasheet
155Kb / 8P
   DUAL BUS BUFFER (3-STATE)
74V2T126 STMICROELECTRONICS-74V2T126 Datasheet
150Kb / 8P
   DUAL BUS BUFFER (3-STATE)
74V2T125 STMICROELECTRONICS-74V2T125 Datasheet
221Kb / 10P
   DUAL BUS BUFFER (3-STATE)
74V2T126STR STMICROELECTRONICS-74V2T126STR Datasheet
161Kb / 8P
   DUAL BUS BUFFER (3-STATE)
74V2G126 STMICROELECTRONICS-74V2G126 Datasheet
88Kb / 11P
   DUAL BUS BUFFER (3-STATE)
logo
Renesas Technology Corp
HD74ALVC2G125 RENESAS-HD74ALVC2G125_15 Datasheet
130Kb / 15P
   Dual Bus Buffer with 3-state Output
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
logo
Renesas Technology Corp
HD74LV2G126A RENESAS-HD74LV2G126A Datasheet
90Kb / 10P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WG126FK TOSHIBA-TC7WG126FK_09 Datasheet
210Kb / 9P
   Dual Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com