Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS431IZ Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS431IZ
Description  Low voltage adjustable shunt reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431IZ Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS431IZ Datasheet HTML 4Page - STMicroelectronics TS431IZ Datasheet HTML 5Page - STMicroelectronics TS431IZ Datasheet HTML 6Page - STMicroelectronics TS431IZ Datasheet HTML 7Page - STMicroelectronics TS431IZ Datasheet HTML 8Page - STMicroelectronics TS431IZ Datasheet HTML 9Page - STMicroelectronics TS431IZ Datasheet HTML 10Page - STMicroelectronics TS431IZ Datasheet HTML 11Page - STMicroelectronics TS431IZ Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
TS431
10/12
3.3
TO92 (bulk) package mechanical data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
L
1.27
0.05
B
3.2
3.7
4.2
0.126
0.1457
0.1654
O1
4.45
5.00
5.2
0.1752
0.1969
0.2047
C
4.58
5.03
5.33
0.1803
0.198
0.2098
K12.7
0.5
O2
0.407
0.5
0.508
0.016
0.0197
0.02
a
0.35
0.0138


Similar Part No. - TS431IZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431IZ STMICROELECTRONICS-TS431IZ Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
TS431IZ-AP STMICROELECTRONICS-TS431IZ-AP Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
TS431IZT STMICROELECTRONICS-TS431IZT Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
More results

Similar Description - TS431IZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.3
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
TS432 TI-TS432_08 Datasheet
184Kb / 11P
[Old version datasheet]   1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432_08 Datasheet
184Kb / 11P
   1.24 V adjustable shunt voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com