Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431AID Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL431AID
Description  Programmable voltage reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AID Datasheet(HTML) 4 Page - STMicroelectronics

  TL431AID Datasheet HTML 1Page - STMicroelectronics TL431AID Datasheet HTML 2Page - STMicroelectronics TL431AID Datasheet HTML 3Page - STMicroelectronics TL431AID Datasheet HTML 4Page - STMicroelectronics TL431AID Datasheet HTML 5Page - STMicroelectronics TL431AID Datasheet HTML 6Page - STMicroelectronics TL431AID Datasheet HTML 7Page - STMicroelectronics TL431AID Datasheet HTML 8Page - STMicroelectronics TL431AID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
TL431
4/15
3
Electrical characteristics
Table 3.
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
TL431C
TL431AC
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference input voltage
VKA = Vref , Ik = 10 mA, Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
2.44
2.423
2.495
2.55
2.567
2.47
2.453
2.495
2.52
2.537
V
ΔVref
Reference input voltage deviation over temperature
range (1)
VKA = Vref, Ik = 10 mA, Tmin ≤ Tamb ≤ Tmax
317
3
15
mV
Ratio of change in reference input voltage to change
in cathode to anode voltage
Ik = 10mA - ΔVKA = 10V to Vref
ΔVKA = 36V to 10V
-2.7
-2
-1.4
-1
-2.7
-2
-1.4
-1
mV/V
Iref
Reference input current
Ik = 10mA, R1 = 10kΩ, R2 = ∞
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
1.8
4
5.2
1.8
4
5.2
µA
ΔIref
Reference input current deviation over temperature
range
Ik = 10mA, R1 = 10kΩ, R2 =∞
Tmin ≤ Tamb ≤ Tmax
0.4
1.2
0.4
1.2
µA
Imin
Minimum cathode current for regulation
VKA = Vref
0.5
1
0.5
0.6
mA
Ioff
Off-state cathode current
2.6
1000
2.6
1000
nA
⏐ ZKA⏐
Dynamic impedance (2)
VKA = Vref , Δ Ik = 1 to100mA, f ≤ 1kHZ
0.22
0.5
0.22
0.5
Ω
1.
See definition of Reference input voltage deviation over temperature range.
2.
The dynamic impedance is defined as
| ZKA| =
ΔVref
ΔVka
------------
ΔV
KA
I
k
Δ
---------------


Similar Part No. - TL431AID

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431AID MOTOROLA-TL431AID Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
Texas Instruments
TL431AID TI-TL431AID Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
ON Semiconductor
TL431AID ONSEMI-TL431AID Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431AID TI-TL431AID Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
NXP Semiconductors
TL431AID PHILIPS-TL431AID Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
More results

Similar Description - TL431AID

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com