Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM102
Description  VOLTAGE AND CURRENT CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM102_04 Datasheet HTML 1Page - STMicroelectronics TSM102_04 Datasheet HTML 2Page - STMicroelectronics TSM102_04 Datasheet HTML 3Page - STMicroelectronics TSM102_04 Datasheet HTML 4Page - STMicroelectronics TSM102_04 Datasheet HTML 5Page - STMicroelectronics TSM102_04 Datasheet HTML 6Page - STMicroelectronics TSM102_04 Datasheet HTML 7Page - STMicroelectronics TSM102_04 Datasheet HTML 8Page - STMicroelectronics TSM102_04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
OPERATIONAL AMPLIFIERS
s LOW SUPPLY CURRENT : 200
µA/amp.
s MEDIUM SPEED : 2.1MHz
s LOW LEVEL OUTPUT VOLTAGE CLOSE TO
VCC
- : 0.1V typ.
s INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
COMPARATORS
s LOW SUPPLY CURRENT : 200
µA/amp.
s (V
CC = 5V)
s INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
s LOW OUTPUT SATURATION VOLTAGE :
250mV (Io = 4mA)
REFERENCE
s ADJUSTABLE OUTPUT VOLTAGE :
s V
ref to 36V
s SINK CURRENT CAPABILITY : 1 to 100mA
s 1% and 0.4% VOLTAGE PRECISION
s LACTH-UP IMMUNITY
DESCRIPTION
The TSM102 is a monolithic IC that includes two
op-amps, two comparators and a precision volt-
age reference. This device is offering space and
cost saving in many applications like power supply
management or data acquisition systems.
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
D
TSM102I
-40°C, +85°C
TSM102AI
-40°C, +85°C
D
SO16
(Plastic Micropackage)
1
2
3
4
13
14
15
16
5
6
7
8
12
11
10
9
Output 1
Inverting Input 1
Non-inverting Input 1
V
CC+
Non-inverting Input 2
Inverting Input 2
Output 2
Vref
Output 4
Inverting Input
Non-inverting Input 4
Non-inverting Input 3
Inverting Input 3
Output 3
Cathode
V
CC-
COMP
COMP
TSM102/A
VOLTAGE AND CURRENT CONTROLLER
January 2004


Similar Part No. - TSM102_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102A STMICROELECTRONICS-TSM102A Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Texas Instruments
TSM102A TI1-TSM102A Datasheet
1Mb / 17P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
logo
STMicroelectronics
TSM102AI STMICROELECTRONICS-TSM102AI Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Texas Instruments
TSM102AI TI-TSM102AI Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM102AI STMICROELECTRONICS-TSM102AI Datasheet
105Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
More results

Similar Description - TSM102_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
   VOLTAGE AND CURRENT CONTROLLER
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
   Voltage and Current Controller
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
   VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
   VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
   VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
   VOLTAGE AND CURRENT CONTROLLER
logo
STMicroelectronics
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
June 2001
logo
List of Unclassifed Man...
CYT101 ETC2-CYT101 Datasheet
1Mb / 3P
   Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com