Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC157 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VHC157
Description  QUAD 2 CHANNEL MULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC157 Datasheet(HTML) 5 Page - STMicroelectronics

  74VHC157_04 Datasheet HTML 1Page - STMicroelectronics 74VHC157_04 Datasheet HTML 2Page - STMicroelectronics 74VHC157_04 Datasheet HTML 3Page - STMicroelectronics 74VHC157_04 Datasheet HTML 4Page - STMicroelectronics 74VHC157_04 Datasheet HTML 5Page - STMicroelectronics 74VHC157_04 Datasheet HTML 6Page - STMicroelectronics 74VHC157_04 Datasheet HTML 7Page - STMicroelectronics 74VHC157_04 Datasheet HTML 8Page - STMicroelectronics 74VHC157_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74VHC157
5/12
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per
channel)
Table 9: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Figure 4: Test Circuit
CL =15/50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
610
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
18
pF
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
5.0
CL = 50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High
Voltage Input
(note 1, 3)
5.0
3.5
V
VILD
Dynamic Low
Voltage Input
(note 1, 3)
5.0
1.5
V


Similar Part No. - 74VHC157_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
More results

Similar Description - 74VHC157_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com