Selected language     English  ā–¼


74VHCT00A_04 Datasheet(PDF) 9 Page - STMicroelectronics

Part No. 74VHCT00A_04
Description  QUAD 2-INPUT NAND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 9 page
background image
74VHCT00A
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel TSSOP14 MECHANICAL DATA




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
KK74HC03AQuad 2-Input NAND Gate with Open-Drain Outputs High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT00AQuad 2-Input NAND Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
TC74VHC00F_07Quad 2-Input NAND Gate 1 2 3 4 5 MoreToshiba Semiconductor
74ACT00_01QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
MC74LCX00_05Low-Voltage CMOS Quad 2-Input NAND Gate 1 2 3 4 5 MoreON Semiconductor
TC74HC132AP_07Quad 2-Input Schmitt NAND Gate 1 2 3 4 5 MoreToshiba Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74VCX00_05Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
KK4011BQuad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl