Selected language     English  ▼


74VHCT00A_04 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. 74VHCT00A_04
Description  QUAD 2-INPUT NAND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 3 page
background image
74VHCT00A
3/11
Table 6: DC Specifications
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 5.0V
± 0.5V
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5 to
5.5
22
2
V
VIL
Low Level Input
Voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
V
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.0
0.1
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
0.55
II
Input Leakage
Current
0 to
5.5
VI = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
220
20
µA
+ICC
Additional Worst
Case Supply
Current
5.5
One Input at 3.4V,
other input at VCC
or GND
1.35
1.5
1.5
mA
IOPD
Output Leakage
Current
0
VOUT = 5.5V
0.5
5.0
5.0
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC (*)
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
5.0
15
5.0
7.0
1.0
8.0
1.0
8.0
ns
5.0
50
5.5
8.0
1.0
9.0
1.0
9.0
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
410
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
10.5
pF




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
KK74HC03AQuad 2-Input NAND Gate with Open-Drain Outputs High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT00AQuad 2-Input NAND Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
TC74VHC00F_07Quad 2-Input NAND Gate 1 2 3 4 5 MoreToshiba Semiconductor
74ACT00_01QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
MC74LCX00_05Low-Voltage CMOS Quad 2-Input NAND Gate 1 2 3 4 5 MoreON Semiconductor
TC74HC132AP_07Quad 2-Input Schmitt NAND Gate 1 2 3 4 5 MoreToshiba Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
74VCX00_05Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
KK4011BQuad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl