Electronic Components Datasheet Search
Selected language     English  ā–¼


74VHCT02A_04 Datasheet(PDF) 8 Page - STMicroelectronics

Part No. 74VHCT02A_04
Description  QUAD 2-INPUT NOR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 8 page
background image
74VHCT02A
8/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK74VHC02Quad 2-Input NOR Gate 1 2 3 4 5 MoreKODENSHI KOREA CORP.
MC10102_02Quad 2-Input NOR Gate 1 2 3 4 5 MoreON Semiconductor
KK74HCT02AQuad 2-Input NOR Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
TC74VHC02F_07Quad 2-Input NOR Gate 1 2 3 4 5 MoreToshiba Semiconductor
74VHC02_07Quad 2-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
MC74LCX02_05Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V−Tolerant Inputs 1 2 3 4 5 MoreON Semiconductor
74LCX02Low voltage CMOS QUAD 2-Input NOR gate with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
TC74HCT02AP_07Quad 2-Input NOR Gate 1 2 3 4 5 MoreToshiba Semiconductor
74ACTQ02_05Quad 2-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
KK74ACT02Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl