Selected language     English  ▼


74VHCT02A_04 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. 74VHCT02A_04
Description  QUAD 2-INPUT NOR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 4 page
background image
74VHCT02A
4/11
Table 9: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.0V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.0V. Inputs under test switching: 3.0V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Figure 3: Test Circuit
CL =15/ 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
5.0
CL = 50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High
Voltage Input
(note 1, 3)
5.0
2
VILD
Dynamic Low
Voltage Input
(note 1, 3)
5.0
0.8




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK74VHC02Quad 2-Input NOR Gate 1 2 3 4 5 MoreKODENSHI KOREA CORP.
MC10102_02Quad 2-Input NOR Gate 1 2 3 4 5 MoreON Semiconductor
KK74HCT02AQuad 2-Input NOR Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
TC74VHC02F_07Quad 2-Input NOR Gate 1 2 3 4 5 MoreToshiba Semiconductor
74VHC02_07Quad 2-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
MC74LCX02_05Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V−Tolerant Inputs 1 2 3 4 5 MoreON Semiconductor
74LCX02Low voltage CMOS QUAD 2-Input NOR gate with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
TC74HCT02AP_07Quad 2-Input NOR Gate 1 2 3 4 5 MoreToshiba Semiconductor
74ACTQ02_05Quad 2-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
KK74ACT02Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl