Selected language     English  ▼


74VHCT04A Datasheet(PDF) 7 Page - STMicroelectronics

Part No. 74VHCT04A
Description  HEX INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 7 page
background image
74VHCT04A
7/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0˚
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP14 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0080337D




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
MC74HC14A_06Hex Schmitt−Trigger Inverter High−Performance Silicon−Gate CMOS 1 2 3 4 5 MoreON Semiconductor
MC10189_02Hex Inverter With Enable 1 2 3 4 ON Semiconductor
KK74HCT04AHex Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
TC74HC14AP_07CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter 1 2 3 4 5 MoreToshiba Semiconductor
TC74LVX14F_07Hex Schmitt Inverter 1 2 3 4 5 MoreToshiba Semiconductor
74LVX04_04LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
KK74AC04Hex Inverter High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT14AHex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
SN54LS06_95HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS 1 2 3 4 Texas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl