Selected language     English  ▼


74VHCT05A Datasheet(PDF) 2 Page - STMicroelectronics

Part No. 74VHCT05A
Description  HEX INVERTER (OPEN DRAIN)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 2 page
background image
74VHCT05A
2/11
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
Z: High Impedance
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1)VIN from 0.8V to 2V
PIN N°
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11,
13
1A to 6A
Data Inputs
2, 4, 6, 8, 10,
12
1Y to 6Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AY
LZ
HL
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (see note 1) (VCC = 5.0 ± 0.5V)
0 to 20
ns/V




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM74HCT05_05Hex Inverter Open Drain 1 2 3 4 5 MoreFairchild Semiconductor
TC74VHC05F_07Hex Inverter open drain 1 2 3 4 5 MoreToshiba Semiconductor
74VHC05_04HEX INVERTER OPEN DRAIN 1 2 3 4 5 MoreSTMicroelectronics
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
74LCX05_06Low voltage CMOS HEX inverter open drain with 5V tolerant inputs 1 2 3 4 5 MoreSTMicroelectronics
TC74AC05P_07CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter open drain 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC05AP_07CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter open drain 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA05FU_07Dual Inverter Open Drain 1 2 3 4 5 MoreToshiba Semiconductor
HD74LS06Hex Inverter Buffers/Drivers With Open Collector High-Voltage Outputs 1 2 3 4 5 MoreRenesas Technology Corp
MM74C906Hex Open Drain N-Channel Buffers . Hex Open Drain P-Channel Buffers 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl