Selected language     English  ā–¼


74VHCT08ATTR Datasheet(PDF) 6 Page - STMicroelectronics

Part No. 74VHCT08ATTR
Description  QUAD 2-INPUT AND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 6 page
background image
74VHCT08A
6/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.35
1.75
0.053
0.069
A1
0.1
0.25
0.004
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
8.55
8.75
0.337
0.344
E
3.8
4.0
0.150
0.157
e
1.27
0.050
H
5.8
6.2
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.4
1.27
0.016
0.050
k0Ā°
8Ā°
0Ā°
8Ā°
ddd
0.100
0.004
SO-14 MECHANICAL DATA
0016019D




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL74LV08Quad 2-Input AND Gate 1 2 3 4 System Logic Semiconductor
TC74HC08AP_07CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate 1 2 3 4 5 MoreToshiba Semiconductor
74ACTQ08_07Quiet Seriesā„¢ Quad 2-Input AND Gate 1 2 3 4 5 MoreFairchild Semiconductor
KK74VHC08Quad 2-Input AND Gate 1 2 3 4 5 MoreKODENSHI KOREA CORP.
MM74C08_02Quad 2-Input AND Gate 1 2 3 4 5 Fairchild Semiconductor
TC74HC08APQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreToshiba Semiconductor
KK74HC08AQuad 2-Input AND Gate 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT08AQuad 2-Input AND Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
MC74LCX08_05Low-Voltage CMOS Quad 2-Input AND Gate With 5 V−Tolerant Inputs 1 2 3 4 5 MoreON Semiconductor
MC10104_02Quad 2-Input AND Gate 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl