Selected language     English  ā–¼


74VHCT08ATTR Datasheet(PDF) 8 Page - STMicroelectronics

Part No. 74VHCT08ATTR
Description  QUAD 2-INPUT AND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 8 page
background image
74VHCT08A
8/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL74LV08Quad 2-Input AND Gate 1 2 3 4 System Logic Semiconductor
TC74HC08AP_07CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate 1 2 3 4 5 MoreToshiba Semiconductor
74ACTQ08_07Quiet Seriesā„¢ Quad 2-Input AND Gate 1 2 3 4 5 MoreFairchild Semiconductor
KK74VHC08Quad 2-Input AND Gate 1 2 3 4 5 MoreKODENSHI KOREA CORP.
MM74C08_02Quad 2-Input AND Gate 1 2 3 4 5 Fairchild Semiconductor
TC74HC08APQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreToshiba Semiconductor
KK74HC08AQuad 2-Input AND Gate 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT08AQuad 2-Input AND Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
MC74LCX08_05Low-Voltage CMOS Quad 2-Input AND Gate With 5 V−Tolerant Inputs 1 2 3 4 5 MoreON Semiconductor
MC10104_02Quad 2-Input AND Gate 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl