Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10NC50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP10NC50
Description  N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NC50 Datasheet(HTML) 1 Page - STMicroelectronics

  STP10NC50 Datasheet HTML 1Page - STMicroelectronics STP10NC50 Datasheet HTML 2Page - STMicroelectronics STP10NC50 Datasheet HTML 3Page - STMicroelectronics STP10NC50 Datasheet HTML 4Page - STMicroelectronics STP10NC50 Datasheet HTML 5Page - STMicroelectronics STP10NC50 Datasheet HTML 6Page - STMicroelectronics STP10NC50 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STP10NC50
STP10NC50FP
N - CHANNEL 500V - 0.48
Ω - 10A - TO-220/TO-220FP
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.48
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
November 1999
1
2
3
TYPE
VDSS
RDS(on)
ID
ST P10NC50
ST P10NC50FP
500 V
500 V
<0. 52
<0. 52
10 A
10 A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
ST P10NC50
STP10NC50F P
VDS
Drain-source Volt age (VGS =0)
500
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
500
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC
10
10(*)
A
ID
Drain Current (continuous) at Tc = 100
oC6.3
6.3(*)
A
IDM (
•)
Drain Current (pulsed)
40
40
A
Ptot
T otal Dissipation at Tc =25
oC
135
40
W
Derat ing Factor
1.08
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
3
3
V/ns
VISO
Insulat ion Withstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operat ing Junction T emperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 10 A, di/dt ≤100 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(*) Limited only by maximum temperature allowed
TO-220
TO-220FP
1
2
3
1/7


Similar Part No. - STP10NC50

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STP10N03 SAMHOP-STP10N03 Datasheet
105Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STP10N105K5 STMICROELECTRONICS-STP10N105K5 Datasheet
724Kb / 18P
   Ultra low gate charge
October 2014 Rev 2
STP10N60M2 STMICROELECTRONICS-STP10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
logo
VBsemi Electronics Co.,...
STP10N60M2 VBSEMI-STP10N60M2 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STP10N62K3 STMICROELECTRONICS-STP10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
More results

Similar Description - STP10NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NB40 STMICROELECTRONICS-STP11NB40 Datasheet
115Kb / 9P
   N - CHANNEL 400V - 0.48ohm - 10.7A - TO-220/TO-220FP PowerMESH MOSFET
STP11NK50Z STMICROELECTRONICS-STP11NK50Z Datasheet
585Kb / 12P
   N-CHANNEL 500V - 0.48ohm - 10A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
   N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
   N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com