Selected language     English  ā–¼


74VHCT125AMTR Datasheet(PDF) 10 Page - STMicroelectronics

Part No. 74VHCT125AMTR
Description  QUAD BUS BUFFERS (3-STATE)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 10 page
background image
74VHCT125A
10/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel TSSOP14 MECHANICAL DATA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVC125A_04LOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE HIGH PERFORMANCE 1 2 3 4 5 MoreSTMicroelectronics
74LVQ125_04LOW VOLTAGE QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74LVX126_04LOW VOLTAGE CMOS QUAD BUS BUFFERS 3-STATE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74VHC125_04QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74VHC126_04QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
KK74ACT125Quad 3-State Noninverting Buffers High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
MC74HC125AQuad 3-State Noninverting Buffers 1 2 3 4 5 MoreMotorola, Inc
SN54LVTH125_073.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
MM74HC125_053-STATE Quad Buffers 1 2 3 4 5 MoreFairchild Semiconductor
SN54LVTH1263.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl