Selected language     English  ▼


74VHCT138A Datasheet(PDF) 3 Page - STMicroelectronics

Part No. 74VHCT138A
Description  3 TO 8 LINE DECODER (INVERTING)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 3 page
background image
74VHCT138A
3/12
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) VCC = 0V
2) High or Low State
Table 5: Recommended Operating Conditions
1) VCC = 0V
2) High or Low State
3) VIN from 0.8V to 2V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (see note 1)
-0.5 to +7.0
V
VO
DC Output Voltage (see note 2)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (see note 1)
0 to 5.5
V
VO
Output Voltage (see note 2)
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (see note 3) (VCC = 5.0 ± 0.5V)
0 to 20
ns/V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVQ138_043 TO 8 LINE DECODER INVERTING 1 2 3 4 5 MoreSTMicroelectronics
74VHC138_043 TO 8 LINE DECODER INVERTING 1 2 3 4 5 MoreSTMicroelectronics
MM74HC4514_034-to-16 Line Decoder with Latch 1 2 3 4 5 MoreFairchild Semiconductor
74VHC238_043 TO 8 LINE DECODER 1 2 3 4 5 MoreSTMicroelectronics
KK74LV139Dual 2-to-4 line decoder/demultiplexer; inverting 1 2 3 4 5 MoreKODENSHI KOREA CORP.
TC74HC154AP4-to-16 Line Decoder 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC155AP_07Dual 2-to-4 Line Decoder 3-to-8 Line Decoder 1 2 3 4 5 MoreToshiba Semiconductor
TC74LCX138F_07Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
MM74HC139_03Dual 2-To-4 Line Decoder 1 2 3 4 5 MoreFairchild Semiconductor
TC74HC238AP_073-to-8 Line Decoder 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl