Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8815AETB+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8815AETB+
Description  1A, 97% Efficiency, 30關A Quiescent Current Step-Up Converter with True Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8815AETB+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8815AETB+ Datasheet HTML 4Page - Maxim Integrated Products MAX8815AETB+ Datasheet HTML 5Page - Maxim Integrated Products MAX8815AETB+ Datasheet HTML 6Page - Maxim Integrated Products MAX8815AETB+ Datasheet HTML 7Page - Maxim Integrated Products MAX8815AETB+ Datasheet HTML 8Page - Maxim Integrated Products MAX8815AETB+ Datasheet HTML 9Page - Maxim Integrated Products MAX8815AETB+ Datasheet HTML 10Page - Maxim Integrated Products MAX8815AETB+ Datasheet HTML 11Page - Maxim Integrated Products MAX8815AETB+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1A, 97% Efficiency, 30µA Quiescent Current
Step-Up Converter with True Shutdown
8
_______________________________________________________________________________________
Detailed Description
The MAX8815A current-mode step-up DC-DC switching
converter uses a fixed-frequency PWM architecture with
True Shutdown. In normal mode, the converter switches
when needed, consuming only 30µA of quiescent cur-
rent. In forced-PWM mode (FPWM), the converter
switches every cycle at a constant frequency, thus
enabling noise filtering. The MAX8815A is highly effi-
cient, with an internal switch and synchronous rectifier.
Shutdown reduces the quiescent current to less than
0.1µA. Low quiescent current and high efficiency make
this device ideal for powering portable equipment.
The MAX8815A step-up DC-DC switching converter typ-
ically generates a 3.3V to 5V output voltage from a 1.2V
to 5.5V battery input voltage. The converter operates in
bootstrapped mode with the output powering the device
once the output voltage is ≥ 3V. The current limit is set at
2.5A to deliver 1A at 5V from a 2.5V input, or 500mA at
5V using a 2-cell 1.8V input. Internal soft-start limits the
inrush current to less than 500mA under no-load condi-
tions during startup.
The MAX8815A switches at a 2MHz frequency, allow-
ing for tiny external components. Internal compensation
further reduces the external component count in cost
and space-sensitive applications. The MAX8815A is
optimized for use in DSC and other applications requir-
ing low quiescent current for maximum battery life.
Figures 1a and 1b show the typical application circuits.
ON
SKIPB
POUT
BATT
LX
FB
OUTS
GND
ON
ON
3V
ON
ON
PGND
CONTROL
2MHz
OSCILLATOR
REFERENCE
EP
+
-
STARTUP
OSCILLATOR
MAX8815A
Functional Diagram


Similar Part No. - MAX8815AETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8815AEVKIT MAXIM-MAX8815AEVKIT Datasheet
87Kb / 4P
   Guaranteed 1A Output Current at 5V from 2.5V Input
Rev 0; 7/08
MAX8815AEVKIT++ MAXIM-MAX8815AEVKIT+ Datasheet
87Kb / 4P
   Guaranteed 1A Output Current at 5V from 2.5V Input
Rev 0; 7/08
More results

Similar Description - MAX8815AETB+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Monolithic Power System...
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
logo
ams AG
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
   1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
logo
Linear Technology
LTC3621 LINER-LTC3621 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
LM4510 TI-LM4510_15 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
   Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
Texas Instruments
LM4510SDEV TI1-LM4510SDEV Datasheet
5Mb / 23P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Monolithic Power System...
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
   36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com