Electronic Components Datasheet Search |
|
BTA12800TWRG Datasheet(PDF) 2 Page - STMicroelectronics |
|
BTA12800TWRG Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 12 page Characteristics BTA12, BTB12, T12xx 2/12 1 Characteristics Table 2. Absolute maximum ratings Symbol Parameter Value Unit IT(RMS) RMS on-state current (full sine wave) I2PAK / D2PAK / TO-220AB Tc = 105° C 12 A TO-220AB Ins. Tc = 90° C ITSM Non repetitive surge peak on-state current (full cycle, Tj initial = 25° C) F = 50 Hz t = 20 ms 120 A F = 60 Hz t = 16.7 ms 126 I2tI2t Value for fusing tp = 10 ms 78 A²s dI/dt Critical rate of rise of on-state current IG = 2 x IGT , tr ≤ 100 ns F = 120 Hz Tj = 125° C 50 A/µs VDSM/VRSM Non repetitive surge peak off-state voltage tp = 10 ms Tj = 25° C VDRM/VRRM + 100 V IGM Peak gate current tp = 20 µs Tj = 125° C 4 A PG(AV) Average gate power dissipation Tj = 125° C 1 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C Table 3. Electrical characteristics (Tj = 25°C, unless otherwise specified) Snubberless and logic level (3 quadrants) Symbol Test conditions Quadrant T12xx BTA12 / BTB12 Unit T1210 T1235 T1250 TW SW CW BW IGT (1) 1. Minimum IGT is guaranted at 5% of IGT max VD = 12 V RL = 30 Ω I - II - III MAX. 10 35 50 5 10 35 50 mA VGT I - II - III MAX. 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125° C I - II - III MIN. 0.2 V IH (2) 2. for both polarities of A2 referenced to A1 IT = 100 mA MAX. 15 35 50 10 15 35 50 mA IL IG = 1.2 IGT I - III MAX. 25 50 70 10 25 50 70 mA II 30 60 80 15 30 60 80 dV/dt (2) VD = 67 %VDRM gate open Tj = 125° C MIN. 40 500 1000 20 40 500 1000 V/µs (dI/dt)c (2) (dV/dt)c = 0.1 V/µs Tj = 125° C MIN. 6.5 3.5 6.5 A/ms (dV/dt)c = 10 V/µs Tj = 125° C 2.9 1 2.9 Without snubber Tj= 125° C 6.5 12 6.5 12 |
Similar Part No. - BTA12800TWRG |
|
Similar Description - BTA12800TWRG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |