Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA24-800BWRG Datasheet(PDF) 7 Page - STMicroelectronics

Part # BTA24-800BWRG
Description  25 A standard and Snubberless triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA24-800BWRG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BTA24-800BWRG Datasheet HTML 3Page - STMicroelectronics BTA24-800BWRG Datasheet HTML 4Page - STMicroelectronics BTA24-800BWRG Datasheet HTML 5Page - STMicroelectronics BTA24-800BWRG Datasheet HTML 6Page - STMicroelectronics BTA24-800BWRG Datasheet HTML 7Page - STMicroelectronics BTA24-800BWRG Datasheet HTML 8Page - STMicroelectronics BTA24-800BWRG Datasheet HTML 9Page - STMicroelectronics BTA24-800BWRG Datasheet HTML 10Page - STMicroelectronics BTA24-800BWRG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA24, BTB24, BTA25, BTA26, BTB26, T25
Package information
7/12
3
Package information
Epoxy meets UL94,V0
Cooling method: C
Recommended torque value: 0.4 - 0.5 Nm (TO-220AB), 0.9 - 1.2 Nm (TOP3 and RD91)
Maximum torque value for BTB24 is 0.5 Nm
Figure 14.
D2PAK footprint dimensions (in millimeters)
Table 7.
D2PAK dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048 0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - BTA24-800BWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24-800BWRG STMICROELECTRONICS-BTA24-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-800BWRG STMICROELECTRONICS-BTA24-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Inchange Semiconductor ...
BTA24-800BWRG ISC-BTA24-800BWRG Datasheet
194Kb / 1P
   isc Triacs
logo
Guangdong Youtai Semico...
BTA24-800BWRG UMW-BTA24-800BWRG Datasheet
762Kb / 6P
   vacuum cleaners, power tools and other motor speed controllers; solid state relays; heating controllers (temperature regulation); other phase control circuits.
More results

Similar Description - BTA24-800BWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com