Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB26-800BWRG Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTB26-800BWRG
Description  25 A standard and Snubberless triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB26-800BWRG Datasheet(HTML) 4 Page - STMicroelectronics

  BTB26-800BWRG Datasheet HTML 1Page - STMicroelectronics BTB26-800BWRG Datasheet HTML 2Page - STMicroelectronics BTB26-800BWRG Datasheet HTML 3Page - STMicroelectronics BTB26-800BWRG Datasheet HTML 4Page - STMicroelectronics BTB26-800BWRG Datasheet HTML 5Page - STMicroelectronics BTB26-800BWRG Datasheet HTML 6Page - STMicroelectronics BTB26-800BWRG Datasheet HTML 7Page - STMicroelectronics BTB26-800BWRG Datasheet HTML 8Page - STMicroelectronics BTB26-800BWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
BTA24, BTB24, BTA25, BTA26, BTB26, T25
4/12
Figure 1.
Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2.
RMS on-state current versus case
temperature (full cycle)
0
5
10
15
20
25
0
5
10
15
20
25
30
P(W)
I
(A)
T(RMS)
I
(A)
T(RMS)
0
5
10
15
20
25
30
0
25
50
75
100
125
BTA24
BTB24 / T25xx /
BTA25 / BTA26
BTB26
T (°C)
C
Figure 3.
D2PAK RMS on-state current versus
ambient temperature (printed
circuit board FR4, copper
thickness: 35µm) (full cycle)
Figure 4.
Relative variation of thermal
impedance versus pulse
duration
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
T(RMS)
T
(°C)
amb
DPAK
(S=1cm )
2
2
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
K=[Z /R
th
th]
t (s)
p
Zth(j-c)
Z
BTA / BTB24 / T25
th(j-a)
Z
BTA26
th(j-a)
Figure 5.
On-state characteristics
(maximum values)
Figure 6.
Surge peak on-state current
versus number of cycles
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
300
I
(A)
TM
V
(V)
TM
T = 25°C
j
.
T max.
V = 0.85V
R = 16 m
j
to
d
Ω
T=
j
T max.
j
1
10
100
1000
0
50
100
150
200
250
300
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =75°C
C


Similar Part No. - BTB26-800BWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB26-800BWRG STMICROELECTRONICS-BTB26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB26-800BWRG STMICROELECTRONICS-BTB26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB26-800BWRG STMICROELECTRONICS-BTB26-800BWRG Datasheet
207Kb / 10P
   800 V and 600 V, 25 A standard Triacs in TOP3 package
Rev 1
More results

Similar Description - BTB26-800BWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com