Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6780MRGWB6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6780MRGWB6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6780MRGWB6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM6780MRGWB6F Datasheet HTML 1Page - STMicroelectronics STM6780MRGWB6F Datasheet HTML 2Page - STMicroelectronics STM6780MRGWB6F Datasheet HTML 3Page - STMicroelectronics STM6780MRGWB6F Datasheet HTML 4Page - STMicroelectronics STM6780MRGWB6F Datasheet HTML 5Page - STMicroelectronics STM6780MRGWB6F Datasheet HTML 6Page - STMicroelectronics STM6780MRGWB6F Datasheet HTML 7Page - STMicroelectronics STM6780MRGWB6F Datasheet HTML 8Page - STMicroelectronics STM6780MRGWB6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
December 2007
Rev 6
1/29
1
STM6717/6718/6719/6720
STM6777/6778/6779/6780
Dual/triple ultra-low voltage supervisors
with push-button reset (with delay option)
Features
Primary supply (VCC1) monitor. Fixed (factory-
programmed) reset thresholds: 4.63V to 1.58V
Secondary supply (VCC2) monitor
(STM6717/18/19/20/77/78).
Fixed (factory-programmed) reset thresholds:
3.08V to 0.79V
Tertiary supply monitor (using externally
adjustable rstin):
0.626V internal reference
RST outputs (push-pull or open drain); state
guaranteed IF VCC1 OR VCC2 ≥ 0.8V
Reset delay time (trec) on power-up: 210ms,
900ms (typ)
Manual reset input (MR)
Optional delayed manual reset input (MRC)
with external capacitor (STM6777/78/79/80)
Low supply current - 11µA (typ),
VCC1 = VCC2 = 3.6V
Operating temperature: –40°C to 85°C
(industrial grade)
SOT23-5 (WY)
SOT23-6 (WB)
Table 1.
Device summary
Part
number
Monitored voltages
Manual reset
input (MR)
Delayed
MR pin
(MRC)
Reset output (RST)
Package
VCC1
VCC2
RSTIN
Active-low
(push-pull)
Active-low
(open drain)
STM6717
✔✔
WY
STM6718
✔✔
WY
STM6719
✔✔✔
WB
STM6720
✔✔✔
WB
STM6777
✔✔
WB
STM6778
✔✔
WB
STM6779
✔✔
WB
STM6780
✔✔
WB
www.st.com


Similar Part No. - STM6780MRGWB6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6780 STMICROELECTRONICS-STM6780 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6780 STMICROELECTRONICS-STM6780 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
More results

Similar Description - STM6780MRGWB6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6717 STMICROELECTRONICS-STM6717 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6779YWB6F STMICROELECTRONICS-STM6779YWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717TWWY6F STMICROELECTRONICS-STM6717TWWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717_10 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6720SVWB6F STMICROELECTRONICS-STM6720SVWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6718SFWY6F STMICROELECTRONICS-STM6718SFWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
   Push-Button Reset IC with Voltage Supervisor
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com