Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C21164096LL-70T Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V62C21164096LL-70T
Description  256K x 16, 0.20 um CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C21164096LL-70T Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V62C21164096LL-70T Datasheet HTML 1Page - Mosel Vitelic, Corp V62C21164096LL-70T Datasheet HTML 2Page - Mosel Vitelic, Corp V62C21164096LL-70T Datasheet HTML 3Page - Mosel Vitelic, Corp V62C21164096LL-70T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C21164096LL-70T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C21164096LL-70T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C21164096LL-70T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C21164096LL-70T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C21164096LL-70T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MOSEL VITELIC
V62C21164096
3
V62C21164096 Rev. 1.6 October 2001
Part Number Information
Absolute Maximum Ratings (1)
NOTE:
1.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Symbol
Parameter
Commercial
Industrial
Units
VCC
Supply Voltage
-0.5 to VCC + 0.5
-0.5 to VCC +0.5
V
VN
Input Voltage
-0.5 to VCC + 0.5
-0.5 to VCC +0.5
V
VDQ
Input/Output Voltage Applied
VCC +0.3
VCC +0.3
V
TBIAS
Temperature Under Bias
-10 to +125
-65 to +135
°C
TSTG
Storage Temperature
-55 to +125
-65 to +150
°C
SRAM
FAMILY
C = CMOS PROCESS
62 = STANDARD
21 = 2.3V–3.0V
OPERATING
VOLTAGE
4096K
ORGANIZATION
PKG
SPEED
62
C
16
21
4096
MOSEL-VITELIC
MANUFACTURED
V
16 = 16-bit
70 ns
85 ns
TEMP.
BLANK = 0
°C to 70°C
I = -40
°C to +85°C
T = TSOP STANDARD
B = BGA
DENSITY
PWR.
L = LOW POWER
LL = DOUBLE LOW POWER
Capacitance* TA =25°C, f = 1.0MHz
NOTE:
1.
This parameter is guaranteed and not tested.
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN =0V
6
pF
COUT
Output Capacitance
VI/O =0V
8
pF
Truth Table
NOTE:
X= Don’t Care, L = LOW, H = HIGH
Mode
CE1
CE2
OE
WE
UBE
LBE
I/O9-16
Operation
I/O1-8
Operation
Standby
H
X
X
X
X
X
High Z
High Z
Standby
X
L
X
X
X
X
High Z
High Z
Output Disable
L
H
X
X
H
H
High Z
High Z
Output Disable
L
H
H
H
X
X
High Z
High Z
Read
L
H
L
H
L
L
DOUT
DOUT
Read
L
H
L
H
L
H
DOUT
High Z
Read
L
H
L
H
H
L
High Z
DOUT
Write
L
H
X
L
L
L
DIN
DIN
Write
L
H
X
L
L
H
DIN
High Z
Write
L
H
X
L
H
L
High Z
DIN


Similar Part No. - V62C21164096LL-70T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C21164096LL-70T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
   256K x 16, 0.17 um CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com