Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA18-1X Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA18-1X
Description  Transil, transient voltage suppressor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1X Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA18-1X Datasheet HTML 1Page - STMicroelectronics ESDA18-1X Datasheet HTML 2Page - STMicroelectronics ESDA18-1X Datasheet HTML 3Page - STMicroelectronics ESDA18-1X Datasheet HTML 4Page - STMicroelectronics ESDA18-1X Datasheet HTML 5Page - STMicroelectronics ESDA18-1X Datasheet HTML 6Page - STMicroelectronics ESDA18-1X Datasheet HTML 7Page - STMicroelectronics ESDA18-1X Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 2
1/8
8
ESDA18-1F2
Transil™, transient voltage suppressor
Features
Stand-off voltage 16V
Unidirectional device
Low clamping factor VCL/VBR
Fast response time
Very thin package: 0.65 mm
Complies with the following standards
IEC 61000-4-2 Level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
Description
The ESDA18-1F2 is a single line Transil diode
designed specifically for the protection of
integrated circuits into portable equipment and
miniaturized electronics devices subject to ESD
and EOS transient overvoltages.
Figure 1.
Pin configuration (bump side)
TM: Transil is a trademark of STMicroelectronics.
Flip Chip
(4 bumps)
B
1
2
K
K
A
A
A
KA
www.st.com


Similar Part No. - ESDA18-1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2 Datasheet
88Kb / 7P
   Transient Voltage Suppressor
ESDA18-1F4 STMICROELECTRONICS-ESDA18-1F4 Datasheet
284Kb / 8P
   Unidirectional device
October 2012 Rev 1
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
168Kb / 10P
   EOS and ESD Transil protection for charger and battery port
September 2010 Rev 1
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
167Kb / 10P
   EOS and ESD Transil??protection for charger and battery port
September 2010 Rev 1
More results

Similar Description - ESDA18-1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
   Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com