Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1-1BM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDALC6V1-1BM2
Description  Single line low capacitance Transil for ESD protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1-1BM2 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDALC6V1-1BM2_08 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1-1BM2_08 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1-1BM2_08 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1-1BM2_08 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1-1BM2_08 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1-1BM2_08 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1-1BM2_08 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1-1BM2_08 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1-1BM2_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ESDALC6V1-1BM2
Package information
5/10
3
Package information
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin 1
mark is to be used for this purpose.
Table 3.
SOD882 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.40
0.47
0.50
0.016 0.019 0.020
A1
0.00
0.05
0.000
0.002
b1
0.20
0.25
0.30
0.008 0.010 0.012
b2
0.20
0.25
0.30
0.008 0.010 0.012
D
1.00
0.039
E
0.60
0.024
e
0.65
0.026
L1
0.45
0.50
0.55
0.018 0.020 0.022
L2
0.45
0.50
0.55
0.018 0.020 0.022
INDEX AREA
(D/2 x E/2)
INDEX AREA
(D/2 x E/2)
OPTIONAL
PIN # 1 ID
D
E
A1
A
b1
e
b2
L2
L1
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Figure 11.
Footprint (dimensions in mm) Figure 12.
Marking
0.55
0.40
0.50
0.55
P
Pin1
Pin 2


Similar Part No. - ESDALC6V1-1BM2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
   Single line low capacitance TRANSIL??for ESD protection
logo
Shanghai Leiditech Elec...
ESDALC6V1-1BM2 LEIDITECH-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - ESDALC6V1-1BM2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
   Single-line low capacitance Transil??for ESD protection
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
   Single line low capacitance Transil for ESD protection
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
   Single line low capacitance Transil for ESD protection
ESDAVLC6-1V2 STMICROELECTRONICS-ESDAVLC6-1V2 Datasheet
289Kb / 8P
   Single line low capacitance Transil??for ESD protection
June 2014 Rev 1
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
   Single line low capacitance TRANSIL??for ESD protection
ESDALC6V1-1BT2 STMICROELECTRONICS-ESDALC6V1-1BT2 Datasheet
45Kb / 3P
   Single line low capacitance TRANSIL??for ESD protection
ESDAVLC6V1-1BM2 STMICROELECTRONICS-ESDAVLC6V1-1BM2 Datasheet
749Kb / 13P
   Single line low capacitance Transil for ESD protection
ESDALC5-1BM2 STMICROELECTRONICS-ESDALC5-1BM2 Datasheet
205Kb / 14P
   Single line low capacitance Transil??for ESD protection
ESDALC6V1-1U2 STMICROELECTRONICS-ESDALC6V1-1U2 Datasheet
198Kb / 11P
   Single-line low capacitance Transil for ESD protection
ESDALC6V1-1BU2 STMICROELECTRONICS-ESDALC6V1-1BU2 Datasheet
143Kb / 11P
   Single-line low capacitance Transil??for bidirectional ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com