Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C031 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC-C031
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C031 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC-C031_V01 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C031_V01 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C031_V01 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C031_V01 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C031_V01 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C031_V01 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12 - 26
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
Pin Number
Function
Description
Interface Schematic
1
RFIN and
RF Ground
Pin is AC coupled and matched
to 50 Ohms. RFIN uses a female SMA connector.
2, 5, 6
GND
One of these pins must be connected
to power supply ground.
3Vdc
Power supply voltage for the amplifier includes a 7.5V
zener diode for over voltage and negative voltage
protection
4
RFOUT and
RF Ground
Pin is AC coupled and matched
to 50 Ohms. RFOUT uses a female SMA connector.
Pin Description
HMC-C031
v01.1007
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER MODULE, 6 - 10 GHz OUTPUT


Similar Part No. - HMC-C031_V01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C031 HITTITE-HMC-C031 Datasheet
237Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
More results

Similar Description - HMC-C031_V01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C031 HITTITE-HMC-C031 Datasheet
237Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC-C033 HITTITE-HMC-C033_1 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
HMC-C032 HITTITE-HMC-C032 Datasheet
262Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 18 - 29 GHz OUTPUT
HMC-C056 HITTITE-HMC-C056 Datasheet
229Kb / 4P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 8 - 21 GHz OUTPUT
HMC-C033 HITTITE-HMC-C033 Datasheet
251Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
HMC-C034 HITTITE-HMC-C034 Datasheet
242Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 32 - 46 GHz OUTPUT
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com