Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAULC6-3BF2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAULC6-3BF2
Description  ESD protection for high speed interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC6-3BF2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAULC6-3BF2 Datasheet HTML 1Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 2Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 3Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 4Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 5Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 6Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 7Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 8Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ESDAULC6-3BP6, ESDAULC6-3BF2
Characteristics
3/11
Figure 3.
Relative variation of peak pulse
power versus initial junction
temperature (SOT-666)
Figure 4.
Relative variation of peak pulse
power versus initial junction
temperature (Flip-Chip)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P
[T initial] / P
[T initial=25°C)
PP
j
PP
j
T (°C)
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P
PP[Tj initial] / PPP [Tj initial=25°C]
Tj(°C)
Figure 5.
Peak pulse power versus
exponential pulse duration
(SOT-666)
Figure 6.
Peak pulse power versus
exponential pulse duration
(Flip-Chip)
10
100
1000
1
10
100
P
(W)
PP
t (µs)
p
T initial=25°C
j
10
100
1000
1
10
100
P
PP(W)
T
j initial = 25 °C
tP(µs)
Figure 7.
Clamping voltage versus peak
pulse current (typical values)
(SOT-666)
Figure 8.
Clamping voltage versus peak
pulse current (typical values)
(Flip-Chip)
0.1
1.0
10.0
5
1015
202530
I
(A)
PP
V
(V)
CL
8/20µs
T initial=25°C
j
0.1
1.0
10.0
5
1015
202530
I
PP(A)
Square wave
2.5 µs
T
j initial =25° C
VCL(V)


Similar Part No. - ESDAULC6-3BF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAULC6-1U2 STMICROELECTRONICS-ESDAULC6-1U2 Datasheet
208Kb / 10P
   Single-line unidirectional ESD protection for high speed interface
June 2012 Rev 1
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
   8-line ultralarge bandwidth ESD protection
October 2010 Rev 2
More results

Similar Description - ESDAULC6-3BF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
   ESD Protection for high speed interface
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
   ESD protection for high speed interface
USBULC6-2N4 STMICROELECTRONICS-USBULC6-2N4 Datasheet
179Kb / 10P
   Ultralow capacitance ESD protection for high speed interface
September 2011 Rev 1
ESDARF02-1BU2CK STMICROELECTRONICS-ESDARF02-1BU2CK Datasheet
204Kb / 9P
   Single-line bidirectional ESD protection for high speed interface
ESDAXLC6-1BT2 STMICROELECTRONICS-ESDAXLC6-1BT2 Datasheet
224Kb / 10P
   Single-line bidirectional ESD protection for high speed interface
August 2013 Rev 2
ESDAULC6-1U2 STMICROELECTRONICS-ESDAULC6-1U2 Datasheet
208Kb / 10P
   Single-line unidirectional ESD protection for high speed interface
June 2012 Rev 1
ESDAXLC6-1BU2 STMICROELECTRONICS-ESDAXLC6-1BU2 Datasheet
135Kb / 10P
   Single-line bidirectional ESD protection for high speed interface
ESDARF02-1BU2 STMICROELECTRONICS-ESDARF02-1BU2 Datasheet
198Kb / 9P
   Single-line bidirectional ESD protection for high speed interface
August 2015 Rev 2
logo
AMAZING Microelectronic...
AZ1213-04F AMAZING-AZ1213-04F Datasheet
380Kb / 7P
   Low Capacitance ESD Protection Array For High-Speed Data Interface
Revision 2018/05/23
AZ1013-04F AMAZING-AZ1013-04F Datasheet
263Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2014/11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com