Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-000069-TR1000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAP-000069-TR1000
Description  Amplifier, Power, 1.6W,7.7.11.7 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000069-TR1000 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAP-000069-TR1000 Datasheet HTML 1Page - Tyco Electronics MAAP-000069-TR1000 Datasheet HTML 2Page - Tyco Electronics MAAP-000069-TR1000 Datasheet HTML 3Page - Tyco Electronics MAAP-000069-TR1000 Datasheet HTML 4Page - Tyco Electronics MAAP-000069-TR1000 Datasheet HTML 5Page - Tyco Electronics MAAP-000069-TR1000 Datasheet HTML 6Page - Tyco Electronics MAAP-000069-TR1000 Datasheet HTML 7Page - Tyco Electronics MAAP-000069-TR1000 Datasheet HTML 8Page - Tyco Electronics MAAP-000069-TR1000 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Amplifier, Power, 1.6W
7.7—11.7 GHz
M/A-COM Products
Rev C
MAAP-000069-PKG003
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Maximum Ratings
3
Operating Instructions
This device is static sensitive. Please handle with
care. To operate the device, follow these steps.
1. Apply VGG = -2.7 V, VDD= 0 V.
2. Ramp VDD to desired voltage, typically 8.0 V.
3. Adjust VGG to set IDQ, (approximately @ –2.0 V).
4. Set RF input.
5. Power down sequence in reverse. Turn VGG off
last.
Characteristic
Symbol
Min
Typ
Max
Unit
Drain Voltage
VDD
6.0
8.0
10.0
V
Gate Voltage
VGG
-2.7
-2.0
-1.2
V
Input Power
PIN
6.0
8.0
dBm
Thermal Resistance
ΘJC
16.7
°C/W
MMIC Case Temperature
TB
Note 5
°C
Recommended Operating Conditions
4
Parameter
Symbol
Absolute Maximum
Units
Input Power
PIN
11.0
dBm
Drain Supply Voltage
VDD
+12.0
V
Gate Supply Voltage
VGG
-3.0
V
Quiescent Drain Current (No RF)
IDQ
1.2
A
Junction Temperature
TJ
170
°C
Storage Temperature
TSTG
-55 to +150
°C
Quiescent DC Power Dissipated (No RF)
PDISS
12
W
3. Operation beyond these limits may result in permanent damage to the part.
4. Operation outside of these ranges may reduce product reliability.
5. MMIC Case Temperature = 170°C —
Θ
JC* VDD * IDQ
Power Derating Curve, Quiescent (No RF)
0
2
4
6
8
10
12
14
-40
-20
0
20
40
60
80
100
120
140
160
180
Maximum Allowable Case Temperature (°C)


Similar Part No. - MAAP-000069-TR1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000069-MCH000 MACOM-MAAP-000069-MCH000 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
MAAP-000069-SMB003 MACOM-MAAP-000069-SMB003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
MAAP-000069-SMB004 MACOM-MAAP-000069-SMB004 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
More results

Similar Description - MAAP-000069-TR1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000070-PKG003 MACOM-MAAP-000070-PKG003 Datasheet
203Kb / 4P
   Amplifier, Power, 1.6W 10.0-13.25 GHz
MAAP-000071-PKG003 MACOM-MAAP-000071-PKG003 Datasheet
202Kb / 4P
   Amplifier, Power, 1.6W 12.75-15.35 GHz
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
   2.5-5.5 GHz 1.6W Power Amplifier
MAAPGM0035S-DIE MACOM-MAAPGM0035S-DIE Datasheet
310Kb / 5P
   Amplifier, Power, S/C-Band, 1.6W (2.5-5.5 GHz)
MAAPGM0035 MACOM-MAAPGM0035 Datasheet
2Mb / 6P
   1.6W S/C-Band Power Amplifier 2.5-5.5 GHz
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
   1.6W AUDIO AMPLIFIER
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com