Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4027B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4027B
Description  DUAL J-K MASTER SLAVE FLIP-FLOP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4027B Datasheet(HTML) 6 Page - STMicroelectronics

  HCF4027B_02 Datasheet HTML 1Page - STMicroelectronics HCF4027B_02 Datasheet HTML 2Page - STMicroelectronics HCF4027B_02 Datasheet HTML 3Page - STMicroelectronics HCF4027B_02 Datasheet HTML 4Page - STMicroelectronics HCF4027B_02 Datasheet HTML 5Page - STMicroelectronics HCF4027B_02 Datasheet HTML 6Page - STMicroelectronics HCF4027B_02 Datasheet HTML 7Page - STMicroelectronics HCF4027B_02 Datasheet HTML 8Page - STMicroelectronics HCF4027B_02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HCF4027B
6/9
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM : PROPAGATION DELAY TIMES, MINIMUM PULSE WIDTH (CK), SETUP AND HOLD
TIME (J or K to CK) (f=1MHz; 50% duty cycle)


Similar Part No. - HCF4027B_02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4027BC1 STMICROELECTRONICS-HCF4027BC1 Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
HCF4027BEY STMICROELECTRONICS-HCF4027BEY Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
HCF4027BM1 STMICROELECTRONICS-HCF4027BM1 Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
More results

Similar Description - HCF4027B_02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
   Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
   CMOS Dual J-K Master-Slave Flip-Flop
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com