Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6206P302PLG Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML6206P302PLG
Description  ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6206P302PLG Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML6206P302PLG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6206P302PLG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6206P302PLG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6206P302PLG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6206P302PLG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6206P302PLG Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6206P302PLG Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6206P302PLG Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6206P302PLG Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
P3/13
July 2008
ML6206
ML6206P153 VOUT(T)=1.5V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA
VIN=2.5V
1.455
1.500
1.545
V
1
Maximum Output Current
IOUT max
VIN=2.5V, VOUT(E) ≥1.35V
200
mA
1
Load Stability
∆VOUT
VIN=2.5V, 1mA≤IOUT≤100mA
35
mV
1
Vdif1
IOUT=100mA
250
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
500
mV
1
Supply Current
ISS
VIN=2.5V
1.0
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=30mA
VOUT(T)+1.0V≤VIN≤6V
0.01
0.30
%V
1
Input Voltage
VIN
1.2
6.5
V
-
Current Limiter
Ishort
VIN = VOUT+1.5V, VOUT=VSS
100
mA
1
ML6206P302 VOUT(T)=3.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA
VIN=4.0V
2.940
3.000
3.060
V
1
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E) ≥2.7V
270
mA
1
Load Stability
∆VOUT
VIN=4.0V, 1mA≤IOUT≤100mA
25
mV
1
Vdif1
IOUT=100mA
120
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
260
mV
1
Supply Current
ISS
VIN=4.0V
1.0
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=30mA
VOUT(T)+1.0V≤VIN≤6V
0.01
0.30
%V
1
Input Voltage
VIN
1.2
6.5
V
-
Current Limiter
Ishort
VIN = VOUT+1.5V, VOUT=VSS
100
mA
1
ML6206P332 VOUT(T)=3.3V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA
VIN=4.3V
2.234
3.300
3.366
V
1
Maximum Output Current
IOUT max
VIN=4.3V, VOUT(E) ≥2.97V
270
mA
1
Load Stability
∆VOUT
VIN=4.3V, 1mA≤IOUT≤100mA
25
mV
1
Vdif1
IOUT=100mA
120
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
260
mV
1
Supply Current
ISS
VIN=4.3V
1.0
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=30mA
VOUT(T)+1.0V≤VIN≤6V
0.01
0.30
%V
1
Input Voltage
VIN
1.2
6.5
V
-
Current Limiter
Ishort
VIN = VOUT+1.5V, VOUT=VSS
100
mA
1
Note : 1. VOUT(T) = Specified Output Voltage.
2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when (VOUT(T)+1.0V) is provided at the VIN pin
while maintaining a certain IOUT value).
3. Vdif = VIN1(Note 4) – VOUT(E)
4. VIN1 = The input voltage at the time 98% of VOUT (E) is output (input voltage has been gradually reduced).
Electrical Characteristic


Similar Part No. - ML6206P302PLG

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
   Low ESR Cap. Compatible Positive Voltage Regulator
ML6206 MINILOGIC-ML6206_09 Datasheet
984Kb / 18P
   Low ESR Cap. Compatible Positive Voltage Regulator Output Voltage Range : 1.5V to 5.0V in 0.1V increments
More results

Similar Description - ML6206P302PLG

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
   Low ESR Cap. Compatible Positive Voltage Regulator
logo
First Silicon Co., Ltd
FC6206S FS-FC6206S Datasheet
642Kb / 14P
   FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206 MINILOGIC-ML6206_09 Datasheet
984Kb / 18P
   Low ESR Cap. Compatible Positive Voltage Regulator Output Voltage Range : 1.5V to 5.0V in 0.1V increments
logo
Unisonic Technologies
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com