Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T850H-6T Datasheet(PDF) 6 Page - STMicroelectronics

Part # T850H-6T
Description  High temperature 8 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T850H-6T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T850H-6T Datasheet HTML 2Page - STMicroelectronics T850H-6T Datasheet HTML 3Page - STMicroelectronics T850H-6T Datasheet HTML 4Page - STMicroelectronics T850H-6T Datasheet HTML 5Page - STMicroelectronics T850H-6T Datasheet HTML 6Page - STMicroelectronics T850H-6T Datasheet HTML 7Page - STMicroelectronics T850H-6T Datasheet HTML 8Page - STMicroelectronics T850H-6T Datasheet HTML 9Page - STMicroelectronics T850H-6T Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering information
T835H, T850H
6/10
2
Ordering information
T
8
xx H - 6 y
-TR
Triac series
Current
Sensitivity
Package
8 = 8 A
35 = 35 mA
50 = 50 mA
G = D2PAK
High temperature
Voltage
Packing
6 = 600 V
T = TO-220AB
I = TO-220AB Ins
Blank = Tube (D2PAK, TO-220AB)
-TR = Tape and reel (D2PAK)


Similar Part No. - T850H-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T850 STMICROELECTRONICS-T850 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B STMICROELECTRONICS-T850-600B Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B-TR STMICROELECTRONICS-T850-600B-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600G STMICROELECTRONICS-T850-600G Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIAC
T850-600G STMICROELECTRONICS-T850-600G Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - T850H-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
   High temperature 16 A Triacs
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
STMicroelectronics
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
   High temperature 20 A Snubberless??TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com