Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C128B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C128B
Description  Two-wire Serial EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C128B Datasheet HTML 1Page - ATMEL Corporation AT24C128B Datasheet HTML 2Page - ATMEL Corporation AT24C128B Datasheet HTML 3Page - ATMEL Corporation AT24C128B Datasheet HTML 4Page - ATMEL Corporation AT24C128B Datasheet HTML 5Page - ATMEL Corporation AT24C128B Datasheet HTML 6Page - ATMEL Corporation AT24C128B Datasheet HTML 7Page - ATMEL Corporation AT24C128B Datasheet HTML 8Page - ATMEL Corporation AT24C128B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
Features
Low-voltage and Standard-voltage Operation
– 1.8 (VCC = 1.8V to 5.5V)
Internally Organized as 16,384 x 8
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
1 MHz (5.5V, 2.5V), and 400 kHz (1.8V) Compatibility
Write Protect Pin for Hardware and Software Data Protection
64-byte Page Write Mode (Partial Page Writes Allowed)
Self-timed Write Cycle (5 ms Max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 40 Years
Lead-free/Halogen-free
8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini MAP, 8-lead Ultra Lead
Frame Land Grid Array (ULA), 8-lead TSSOP, and 8-ball dBGA2 Packages
Die Sales: Wafer Form, Tape and Reel and Bumped Wafers
2.
Description
The AT24C128B provides 131,072 bits of serial electrically erasable and programma-
ble read-only memory (EEPROM) organized as 16,384 words of 8 bits each. The
device’s cascadable feature allows up to eight devices to share a common two-wire
bus. The device is optimized for use in many industrial and commercial applications
where low-power and low-voltage operation are essential. The devices are available
in space-saving 8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini
MAP, 8-lead Ultra Lead Frame Land Grid Array (ULA), 8-lead TSSOP, and 8-ball
dBGA2 packages. In addition, the entire family is available in a 1.8V (5.5V to 3.6V)
version.
Two-wire Serial
EEPROM
128K (16,384 x 8)
AT24C128B
Rev. 5296A–SEEPR–1/08
Table 0-1.
Pin Configurations
Pin Name
Function
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
A0
A1
A2
GND
8
7
6
5
1
2
3
4
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-lead PDIP
8-lead SOIC
8-lead dBGA2
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
8-lead TSSOP
Bottom View
8
7
6
5
1
2
3
4
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-lead Ultra Thin Mini MAP
Bottom View
8
7
6
5
1
2
3
4
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-lead Ultra Lead Frame Land Grid Array
Bottom View


Similar Part No. - AT24C128B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128B ATMEL-AT24C128B Datasheet
682Kb / 20P
   Two-wire Serial EEPROM
AT24C128B ATMEL-AT24C128B_14 Datasheet
793Kb / 23P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C128B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com